Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet (PDF) - STMicroelectronics

LPS22DF Datasheet PDF - STMicroelectronics
Part # LPS22DF
Download  LPS22DF Download
File Size   1450.27 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer

LPS22DF Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS22DF Datasheet PDF - STMicroelectronics

Part # LPS22DF
Download  LPS22DF Click to download

File Size   1450.27 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer

LPS22DF Datasheet (HTML) - STMicroelectronics


LPS22DF Product details

Features
• 260 to 1260 hPa absolute pressure range
• Current consumption down to 1.7 μA
• Absolute pressure accuracy: 0.5 hPa
• Low pressure sensor noise: 0.34 Pa
• High-performance TCO: 0.45 Pa/°C
• Embedded temperature compensation
• 24-bit pressure data output
• ODR from 1 Hz to 200 Hz
• SPI, I²C or MIPI I3CSM interfaces
• Supports 1.08 V digital interface
• Embedded FIFO
• Interrupt functions: Data-Ready, FIFO flags, pressure thresholds
• Supply voltage: 1.7 to 3.6 V
• High shock survivability: 22,000 g
• Small and thin package
• ECOPACK lead-free compliant

Description
The LPS22DF is an ultra-compact piezoresistive absolute pressure sensor which
functions as a digital output barometer. The LPS22DF provides lower power
consumption, achieving lower pressure noise than its predecessor.
The device comprises a sensing element and an IC interface which communicates
over I²C, MIPI I3CSM or SPI interfaces from the sensing element to the application
and supports a wide Vdd IO range for the digital interfaces as well. The sensing
element, which detects absolute pressure, consists of a suspended membrane
manufactured using a dedicated process developed by ST.
The LPS22DF is available in a full-mold, holed LGA package (HLGA). It is
guaranteed to operate over a temperature range extending from -40 °C to +85 °C.
The package is holed to allow external pressure to reach the sensing element.

Applications
• Altimeters and barometers for portable devices
• GPS applications
• Weather station equipment
• Sport watches
• e-cigarettes
• Drones
• Gas metering




Similar Part No. - LPS22DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LPS22DFTR STMICROELECTRONICS-LPS22DFTR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results


Similar Description - LPS22DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
ILPS22QS STMICROELECTRONICS-ILPS22QS Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com