Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 4 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 4 Page - STMicroelectronics

  LPS22DF Datasheet HTML 1Page - STMicroelectronics LPS22DF Datasheet HTML 2Page - STMicroelectronics LPS22DF Datasheet HTML 3Page - STMicroelectronics LPS22DF Datasheet HTML 4Page - STMicroelectronics LPS22DF Datasheet HTML 5Page - STMicroelectronics LPS22DF Datasheet HTML 6Page - STMicroelectronics LPS22DF Datasheet HTML 7Page - STMicroelectronics LPS22DF Datasheet HTML 8Page - STMicroelectronics LPS22DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
3
Mechanical and electrical specifications
3.1
Mechanical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 2. Pressure and temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Pressure sensor characteristics
PTop
Operating temperature range
-40
+85
°C
Pop
Operating pressure range
260
1260
hPa
Pbits
Pressure output data
24
bits
Psens
Pressure sensitivity
4096
LSB/hPa
PAccRel
Relative accuracy over pressure(2)
P= 800 - 1100 hPa
T =25 °C
±0.015
hPa
PAccT
Absolute accuracy over temperature
Pop, T = -20 to 80°C
±0.5
hPa
Pnoise
RMS pressure sensing noise(3)
with embedded filter and at T = 25 °C
0.0034
hPa RMS
ODRPres Pressure output data rate(4)
1
4
10
25
50
75
100
200
Hz
TCO
Temperature coefficient offset
P = 660 ~ 1160 hPa
T = -20 ~ +65 °C
±0.45
Pa/°C
P_drift
Soldering drift
±0.5
hPa
Temperature sensor characteristics
Top
Operating temperature range
-40
+85
°C
Tsens
Temperature sensitivity
100
LSB/°C
Tacc
Temperature absolute accuracy
T = 0 to 80°C
±1.5
°C
ODRT
Output temperature data rate(4)
1
4
10
25
50
75
100
200
Hz
1. Typical specifications are not guaranteed.
2. By design, the typ. value is defined based on characterization data with 10 hPa pressure interval.
3. Pressure noise RMS evaluated in a controlled environment, based on the average standard deviation of 50 measurements
with AVG = 512, BW = ODR/9.
4. Output data rate is configured by ODR[3:0] in CTRL_REG1 (10h).
LPS22DF
Mechanical and electrical specifications
DS13316 - Rev 1
page 4/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com