Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 28 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 24Page - STMicroelectronics LPS22DF Datasheet HTML 25Page - STMicroelectronics LPS22DF Datasheet HTML 26Page - STMicroelectronics LPS22DF Datasheet HTML 27Page - STMicroelectronics LPS22DF Datasheet HTML 28Page - STMicroelectronics LPS22DF Datasheet HTML 29Page - STMicroelectronics LPS22DF Datasheet HTML 30Page - STMicroelectronics LPS22DF Datasheet HTML 31Page - STMicroelectronics LPS22DF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Command
Command code
Default
Description
GETPID
0x8D
0x02
0x08
0x00
0xB4
0x90
0x0B
SDO = 1
0x02
0x08
0x00
0xB4
0x10
0x0B
SDO = 0
GETBCR
0x8E
0x07
(1 byte)
Bus characteristics register
GETDCR
0x8F
0x62 default MIPI I3CSM device characteristics register
GETSTATUS
0x90
0x00
0x00
(2 byte)
Status register
GETMXDS
0x94
0x08
0x60
Return maximum write and read speed
GETCAPS
0x95
0x00
0x11
0x18
0x00
Provide information about device capabilities and supported extended features
SETGRPA
0x9B
Group address assignment command
RSTGRPA
0x2C/0x9C
Reset the group address
RSTACT
0x9A/0x2A
Configure slave reset action
7.4.2
Overview of anti-spike filter management
The device acts as a standard I²C target as long as it has an I²C static address. The device is capable of
detecting and disabling the I²C anti-spike filter after detecting the broadcast address (7'h7E/W). In order to
guarantee proper behavior of the device, the I3C master must emit the first START, 7'h7E/W at open-drain speed
using I²C fast mode plus reference timing.
After detecting the broadcast address, the device can receive the I3C dynamic address following the I3C push-
pull timing. If the device is not assigned a dynamic address, then the device will continue to operate as an I²C
device with no anti-spike filter. For the case in which the host decides to keep the device as I²C with anti-spike
filter, there is a configuration required to keep the anti-spike filter active. This configuration is done by writing the
ASF_ON bit to '1' in the I3C_IF_CTRL_ADD (19h) register. This configuration forces the anti-spike filter to always
be turned on instead of being managed by the communication on the bus.
LPS22DF
MIPI I3CSM slave interface
DS13316 - Rev 1
page 28/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com