Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 38 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics LPS22DF Datasheet HTML 37Page - STMicroelectronics LPS22DF Datasheet HTML 38Page - STMicroelectronics LPS22DF Datasheet HTML 39Page - STMicroelectronics LPS22DF Datasheet HTML 40Page - STMicroelectronics LPS22DF Datasheet HTML 41Page - STMicroelectronics LPS22DF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Figure 23. Interrupt events on INT pin
New data set is available
FIFO Threshold (Watermark)
FIFO Overrun
FIFO Full
Pressure higher than threshold
Pressure lower than threshold
PHE
PLE
INT_EN
INT_F_FULL
INT_F_OVR
INT_F_WTM
DRDY
DRDY_PLS
INT Pin
CTRL_REG4 (13h)
INTERRUPT_CFG
(0Bh)
9.10
FIFO_CTRL (14h)
FIFO control register (R/W)
7
6
5
4
3
2
1
0
0
0
0
0
STOP_ON_WTM
TRIG_MODES
F_MODE1
F_MODE0
STOP_ON_WTM
Stop-on-FIFO watermark. Enables FIFO watermark level use. Default value: 0
(0: disable; 1: enable)
TRIG_MODES
Enables triggered FIFO modes. Default value: 0
F_MODE[1:0]
Selects triggered FIFO modes. Default value: 00
Refer to Table 21.
Table 21. FIFO mode selection
TRIG_MODES
F_MODE[1:]
Mode
x
00
Bypass
0
01
FIFO mode
0
1x
Continuous (Dynamic-Stream)
1
01
Bypass-to-FIFO
1
10
Bypass-to-Continuous (Dynamic-Stream)
1
11
Continuous (Dynamic-Stream)-to-FIFO
The STOP_ON_WTM bit enables the use of the FIFO watermark level: when the number of samples in FIFO is
equal to the watermark level (set using the WTM[6:0] bits in FIFO_WTM (15h)) then FIFO is full.
The TRIG_MODES bit enables the triggered FIFO modes.
The F_MODE[1:0] bits select one of the FIFO modes, as described in Table 21.
Output pressure data are read through FIFO_DATA_OUT_PRESS_XL (78h), FIFO_DATA_OUT_PRESS_L (79h)
and FIFO_DATA_OUT_PRESS_H (7Ah); both single read and multiple read operations can be used.
LPS22DF
FIFO_CTRL (14h)
DS13316 - Rev 1
page 38/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com