Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 19 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 15Page - STMicroelectronics LPS22DF Datasheet HTML 16Page - STMicroelectronics LPS22DF Datasheet HTML 17Page - STMicroelectronics LPS22DF Datasheet HTML 18Page - STMicroelectronics LPS22DF Datasheet HTML 19Page - STMicroelectronics LPS22DF Datasheet HTML 20Page - STMicroelectronics LPS22DF Datasheet HTML 21Page - STMicroelectronics LPS22DF Datasheet HTML 22Page - STMicroelectronics LPS22DF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
6
Application hints
Figure 14. LPS22DF electrical connections (top view)
The device power supply must be provided through the VDD line; a power supply decoupling capacitor C1 (100
nF) must be placed as near as possible to the supply pins of the device. The C1 capacitor can be tied to VDD and
Vdd_IO, but it is recommended to use 2 capacitors, one on each VDD and Vdd_IO line, in case VDD are Vdd_IO
are separate. Depending on the application, an additional capacitor of 4.7 µF could be placed on the VDD line.
The functionality of the device and the measured data outputs are selectable and accessible through the I²C, MIPI
I3CSM, SPI interface. When using the I²C and MIPI I3CSM, CS must be tied to Vdd_IO.
All the voltage and ground supplies must be present at the same time to have proper behavior of the IC (refer
to Figure 14). It is possible to remove VDD while maintaining Vdd_IO without blocking the communication bus, in
this condition the measurement chain is powered off.
Note:
To guarantee proper power-off of the device, it is recommended to maintain the duration of the VDD line to GND
for at least 10 ms.
LPS22DF
Application hints
DS13316 - Rev 1
page 19/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com