Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 50 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 46Page - STMicroelectronics LPS22DF Datasheet HTML 47Page - STMicroelectronics LPS22DF Datasheet HTML 48Page - STMicroelectronics LPS22DF Datasheet HTML 49Page - STMicroelectronics LPS22DF Datasheet HTML 50Page - STMicroelectronics LPS22DF Datasheet HTML 51Page - STMicroelectronics LPS22DF Datasheet HTML 52Page - STMicroelectronics LPS22DF Datasheet HTML 53Page - STMicroelectronics LPS22DF Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
7.3
SPI bus interface (CS = low) .................................................... 24
7.3.1
SPI read .............................................................. 25
7.3.2
SPI write .............................................................. 26
7.3.3
SPI read in 3-wire mode .................................................. 26
7.4
MIPI I3CSM slave interface...................................................... 27
7.4.1
MIPI I3CSM CCC supported commands ...................................... 27
7.4.2
Overview of anti-spike filter management ..................................... 28
8
Register mapping.................................................................29
9
Register description ..............................................................31
9.1
INTERRUPT_CFG (0Bh) ....................................................... 31
9.2
THS_P_L (0Ch)............................................................... 32
9.3
THS_P_H (0Dh) .............................................................. 33
9.4
IF_CTRL (0Eh) ............................................................... 33
9.5
WHO_AM_I (0Fh) ............................................................. 33
9.6
CTRL_REG1 (10h) ............................................................ 34
9.7
CTRL_REG2 (11h) ............................................................ 36
9.8
CTRL_REG3 (12h) ............................................................ 37
9.9
CTRL_REG4 (13h) ............................................................ 37
9.10
FIFO_CTRL (14h) ............................................................. 38
9.11
FIFO_WTM (15h) ............................................................. 39
9.12
REF_P_L (16h) ............................................................... 39
9.13
REF_P_H (17h)............................................................... 39
9.14
I3C_IF_CTRL_ADD (19h) ...................................................... 39
9.15
RPDS_L (1Ah)................................................................ 40
9.16
RPDS_H (1Bh) ............................................................... 40
9.17
INT_SOURCE (24h) ........................................................... 41
9.18
FIFO_STATUS1 (25h) ......................................................... 41
9.19
FIFO_STATUS2 (26h) ......................................................... 41
9.20
STATUS (27h) ................................................................ 42
9.21
PRESS_OUT_XL (28h) ........................................................ 42
9.22
PRESS_OUT_L (29h).......................................................... 42
LPS22DF
Contents
DS13316 - Rev 1
page 50/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com