Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 37 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 33Page - STMicroelectronics LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics LPS22DF Datasheet HTML 37Page - STMicroelectronics LPS22DF Datasheet HTML 38Page - STMicroelectronics LPS22DF Datasheet HTML 39Page - STMicroelectronics LPS22DF Datasheet HTML 40Page - STMicroelectronics LPS22DF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
9.8
CTRL_REG3 (12h)
Control register 3 (R/W)
7
6
5
4
3
2
1
0
0
0
0
0
INT_H_L
0
PP_OD
IF_ADD_INC
INT_H_L
Select interrupt active-high, active-low. Default value: 0
(0: active-high; 1: active-low)
PP_OD
Push-pull/open-drain selection on interrupt pin. Default value: 0
(0: push-pull; 1: open-drain)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a serial interface (I²C or SPI). Default value: 1
(0: disable, 1: enable)
The INT_H_L bit selects an interrupt active-high/low value.
The PP_OD bit selects push-pull/open-drain on the interrupt pin.
The IF_ADD_INC bit enables the address to be automatically incremented during a multiple byte access with a
serial interface (SPI or I²C).
9.9
CTRL_REG4 (13h)
Control register 4 (R/W)
7
6
5
4
3
2
1
0
0
DRDY_PLS
DRDY
INT_EN
-
INT_F_FULL
INT_F_WTM
INT_F_OVR
DRDY_PLS(1)
Data_Ready pulsed on INT pin. Default value: 0
(0: disable; 1: enable data-ready pulsed on INT pin, pulse width around 5 μs)
DRDY
Date-Ready signal on INT pin. Default value: 0
(0: disable; 1: enable)
INT_EN
Interrupt signal on INT pin. Default value: 0
(0: disable; 1: enable)
INT_F_FULL
FIFO full flag on INT pin. Default value: 0
(0: FIFO empty; 1: FIFO full with 128 unread samples)
INT_F_WTM
FIFO threshold (watermark) status on INT pin. Default value: 0
(0: FIFO is lower than WTM level; 1: FIFO is equal to or higher than WTM level)
INT_F_OVR
FIFO overrun status on INT pin. Default value: 0
(0: not overwritten; 1: at least one sample in the FIFO has been overwritten)
1. This bit is used together with the DRDY bit and it can be ignored if DRDY = 0.
LPS22DF
CTRL_REG3 (12h)
DS13316 - Rev 1
page 37/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com