Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 34 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 30Page - STMicroelectronics LPS22DF Datasheet HTML 31Page - STMicroelectronics LPS22DF Datasheet HTML 32Page - STMicroelectronics LPS22DF Datasheet HTML 33Page - STMicroelectronics LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics LPS22DF Datasheet HTML 37Page - STMicroelectronics LPS22DF Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
9.6
CTRL_REG1 (10h)
Control register 1 (R/W)
7
6
5
4
3
2
1
0
0
ODR3
ODR2
ODR1
ODR0
AVG2
AVG1
AVG0
ODR[3:0]
Output data rate selection. Default value: 0000
Refer to Table 17.
AVG[2:0]
Average selection. Default value: 000
Refer to Table 18.
Table 17. Output data rate bit configurations
ODR[3:0]
ODR of pressure, temperature
0000
Power-down / one-shot
0001
1 Hz
0010
4 Hz
0011
10 Hz
0100
25Hz
0101
50 Hz
0110
75 Hz
0111
100 Hz
1xxx
200 Hz
Table 18. Averaging selection
AVG[2:0]
Averaging of pressure and temperature
000
4
001
8
010
16
011
32
100
64
101
128
111
512
The power consumption of the LPS22DF mainly depends on the selected ODR (Output Data Rate) and on
the selected resolution. The user can select the desired ODR and the oversampling frequency for pressure
measurements in the CTRL_REG1 (10h) register. The ODR[3:0] bits are dedicated to the ODR selection, while
the AVG[2:0] bits are used to configure the resolution.
The following table summarizes the current consumption of all the ASIC resolution modes.
LPS22DF
CTRL_REG1 (10h)
DS13316 - Rev 1
page 34/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com