Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 3 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 3 Page - STMicroelectronics

  LPS22DF Datasheet HTML 1Page - STMicroelectronics LPS22DF Datasheet HTML 2Page - STMicroelectronics LPS22DF Datasheet HTML 3Page - STMicroelectronics LPS22DF Datasheet HTML 4Page - STMicroelectronics LPS22DF Datasheet HTML 5Page - STMicroelectronics LPS22DF Datasheet HTML 6Page - STMicroelectronics LPS22DF Datasheet HTML 7Page - STMicroelectronics LPS22DF Datasheet HTML 8Page - STMicroelectronics LPS22DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
2
Pin description
Figure 3. Pin connections (bottom view)
1
2
3
5
4
10
8
9
7
6
RES
SDA/SDI/SDO
SDO/SA0
VDD
GND
GND_IO
Table 1. Pin description
Pin number
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
SCL
SPC
I²C / MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
3
RES
Connect to GND
4
SDA
SDI
SDI/SDO
I²C / MIPI I3CSM serial data (SDA)
4-wire SPI serial data input (SDI)
3-wire serial data input/output (SDI/SDO)
5
SDO
SA0
4-wire SPI serial data output (SDO)
I²C least significant bit of the device address (SA0)
MIPI I3CSM least significant bit of the static address (SA0)
6
CS
Enables SPI
I²C and MIPI I3CSM / SPI mode selection
(1: SPI idle mode / I²C and MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and MIPI I3CSM disabled)
7
INT_DRDY
Interrupt or Data-Ready
8
GND_IO
0 V supply
9
GND
0 V supply
10
VDD
Power supply
LPS22DF
Pin description
DS13316 - Rev 1
page 3/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com