Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 31 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 27Page - STMicroelectronics LPS22DF Datasheet HTML 28Page - STMicroelectronics LPS22DF Datasheet HTML 29Page - STMicroelectronics LPS22DF Datasheet HTML 30Page - STMicroelectronics LPS22DF Datasheet HTML 31Page - STMicroelectronics LPS22DF Datasheet HTML 32Page - STMicroelectronics LPS22DF Datasheet HTML 33Page - STMicroelectronics LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve pressure and
temperature data. The register address, made up of 7 bits, is used to identify them and to read/write the data
through the serial interface.
9.1
INTERRUPT_CFG (0Bh)
Interrupt mode for pressure acquisition configuration (R/W)
7
6
5
4
3
2
1
0
AUTOREFP
RESET_ARP
AUTOZERO
RESET_AZ
-
LIR
PLE
PHE
AUTOREFP
Enable AUTOREFP function. Default value: 0
(0: normal mode; 1: AUTOREFP enabled)
RESET_ARP
Reset AUTOREFP function. Default value: 0
(0: normal mode; 1: reset AUTOREFP function)
AUTOZERO
Enable AUTOZERO function. Default value: 0
(0: normal mode; 1: AUTOZERO enabled)
RESET_AZ
Reset AUTOZERO function. Default value: 0
(0: normal mode; 1: reset AUTOZERO function)
LIR
Latch interrupt request to the INT_SOURCE (24h) register. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
PLE
Enable interrupt generation on pressure low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on pressure value lower than preset threshold)
PHE
Enable interrupt generation on pressure high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on pressure value higher than preset threshold)
Referring to Figure 22, the LPS22DF can be set by the user to support the interrupt function when P_DIFF_IN
(defined below) is higher or lower than the threshold value stored in THS_P_L (0Ch) and THS_P_H (0Dh).
It is enabled when either PHE bit or PLE bit (or both bits) is set to '1'. Then, the differential pressure can be
compared to a user-defined threshold stored in the 15-bit THS_P (0Ch and 0Dh) registers.
The threshold pressure value defined by the user is a 15-bit unsigned value in a 16-bit register composed of
THS_P_L (0Ch) and THS_P_H (0Dh) The value is:
THS_P (15-bit unsigned) = Desired Interrupt threshold (hPa) x 16
The PHE and PLE bits in INTERRUPT_CFG (0Bh) enable the differential pressure interrupt generation on the
positive or negative event respectively.
The differential interrupt must be used with AUTOREFP or AUTOZERO mode.
LPS22DF
Register description
DS13316 - Rev 1
page 31/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com