Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 22 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 18Page - STMicroelectronics LPS22DF Datasheet HTML 19Page - STMicroelectronics LPS22DF Datasheet HTML 20Page - STMicroelectronics LPS22DF Datasheet HTML 21Page - STMicroelectronics LPS22DF Datasheet HTML 22Page - STMicroelectronics LPS22DF Datasheet HTML 23Page - STMicroelectronics LPS22DF Datasheet HTML 24Page - STMicroelectronics LPS22DF Datasheet HTML 25Page - STMicroelectronics LPS22DF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
7.2.1
I²C operation
The transaction on the bus is started through a START (ST) signal. A start condition is defined as a HIGH-to-LOW
transition on the data line while the SCL line is held HIGH. After the master has transmitted this, the bus is
considered busy. The next data byte transmitted after the start condition contains the address of the slave in the
first 7 bits and the eighth bit tells whether the master is receiving data from the slave or transmitting data to the
slave. When an address is sent, each device in the system compares the first seven bits after a start condition
with its address. If they match, the device considers itself addressed by the master.
The 7-bit slave address (SAD) associated to the LPS22DF is 101110xb. The SDO/SA0 pin can be used to modify
the less significant bit of the device address. If the SA0 pin is connected to voltage supply, LSb is ‘1’ (7-bit
address 1011101b=5Dh), otherwise if the SA0 pin is connected to ground, the LSb value is ‘0’ (7-bit address
1011100b=5Ch). This solution permits connecting and addressing two different LPS22DF devices to the same I²C
lines.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line LOW so that it remains stable low during the HIGH period of the
acknowledge clock pulse. A receiver which has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the ASIC behaves like a slave device and the following protocol must be adhered to.
After the start condition (ST) a slave address is sent, once a slave acknowledge has been returned (SAK), an
8-bit sub-address will be transmitted (SUB). The IF_ADD_INC bit in CTRL_REG2 (11h) enables sub-address auto
increment (IF_ADD_INC is '1' by default), so if IF_ADD_INC = '1' the SUB (sub-address) will be automatically
increased to allow multiple data read/write.
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (Read), a repeated START (SR) condition
must be issued after the two sub-address bytes; if the bit is ‘0’ (Write) the master will transmit to the slave with
direction unchanged. Table 10explains how the SAD+read/write bit pattern is composed, listing all the possible
configurations.
Table 10. SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SA0
R/W
SAD+R/W
Read
101110
0
1
10111001(B9h)
Write
101110
0
0
10111000(B8h)
Read
101110
1
1
10111011(BBh)
Write
101110
1
0
10111010(BAh)
Table 11. Transfer when master is writing one byte to slave
Master
ST
SAD+ W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 12. Transfer when master is writing multiple bytes to slave
Master
ST
SAD+ W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Table 13. Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD+ W
SUB
SR
SAD+ R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
LPS22DF
I²C serial interface (CS = high)
DS13316 - Rev 1
page 22/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com