Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 39 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics LPS22DF Datasheet HTML 37Page - STMicroelectronics LPS22DF Datasheet HTML 38Page - STMicroelectronics LPS22DF Datasheet HTML 39Page - STMicroelectronics LPS22DF Datasheet HTML 40Page - STMicroelectronics LPS22DF Datasheet HTML 41Page - STMicroelectronics LPS22DF Datasheet HTML 42Page - STMicroelectronics LPS22DF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
9.11
FIFO_WTM (15h)
FIFO threshold setting register (R/W)
7
6
5
4
3
2
1
0
0
WTM6
WTM5
WTM4
WTM3
WTM2
WTM1
WTM0
WTM[6:0]
FIFO threshold. Watermark level setting. Default value: 0000000
9.12
REF_P_L (16h)
Reference pressure LSB data (R)
7
6
5
4
3
2
1
0
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
REFL[7:0]
This register contains the low part of the reference pressure value. Default value: 00000000
The Reference pressure value is 16-bit data and it is composed of REF_P_H (17h) and REF_P_L (16h). The
value is expressed as 2’s complement.
The reference pressure value is stored and used when the AUTOZERO or AUTOREFP function is enabled.
Please refer to the INTERRUPT_CFG (0Bh) register description.
9.13
REF_P_H (17h)
Reference pressure MSB data (R)
7
6
5
4
3
2
1
0
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
REFL[15:8]
This register contains the high part of the reference pressure value. Default value: 00000000
9.14
I3C_IF_CTRL_ADD (19h)
Control register (R/W)
7
6
5
4
3
2
1
0
1
0
ASF_ON
0
0
0
I3C_Bus_
Avb_Sel1
I3C_Bus_
Avb_Sel0
ASF_ON
Enable anti-spike filters. Default value: 0
(0: anti-spike filters are managed by protocol and turned off after the broadcast address;
1: anti-spike filters on SCL and SDA lines are always enabled)
I3C_Bus_Avb_Sel[1:0]
These bits are used to select the bus available time when I3C IBI is used. Default value: 00
(00: bus available time equal to 50 μsec;
01: bus available time equal to 2 μsec;
10: bus available time equal to 1 msec;
11: bus available time equal to 25 msec)
LPS22DF
FIFO_WTM (15h)
DS13316 - Rev 1
page 39/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com