Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 1 Page - STMicroelectronics

  LPS22DF Datasheet HTML 1Page - STMicroelectronics LPS22DF Datasheet HTML 2Page - STMicroelectronics LPS22DF Datasheet HTML 3Page - STMicroelectronics LPS22DF Datasheet HTML 4Page - STMicroelectronics LPS22DF Datasheet HTML 5Page - STMicroelectronics LPS22DF Datasheet HTML 6Page - STMicroelectronics LPS22DF Datasheet HTML 7Page - STMicroelectronics LPS22DF Datasheet HTML 8Page - STMicroelectronics LPS22DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Features
•
260 to 1260 hPa absolute pressure range
•
Current consumption down to 1.7 μA
•
Absolute pressure accuracy: 0.5 hPa
•
Low pressure sensor noise: 0.34 Pa
•
High-performance TCO: 0.45 Pa/°C
•
Embedded temperature compensation
•
24-bit pressure data output
•
ODR from 1 Hz to 200 Hz
•
SPI, I²C or MIPI I3CSM interfaces
•
Supports 1.08 V digital interface
•
Embedded FIFO
•
Interrupt functions: Data-Ready, FIFO flags, pressure thresholds
•
Supply voltage: 1.7 to 3.6 V
•
High shock survivability: 22,000 g
•
Small and thin package
•
ECOPACK lead-free compliant
Applications
•
Altimeters and barometers for portable devices
•
GPS applications
•
Weather station equipment
•
Sport watches
•
e-cigarettes
•
Drones
•
Gas metering
Description
The LPS22DF is an ultra-compact piezoresistive absolute pressure sensor which
functions as a digital output barometer. The LPS22DF provides lower power
consumption, achieving lower pressure noise than its predecessor.
The device comprises a sensing element and an IC interface which communicates
over I²C, MIPI I3CSM or SPI interfaces from the sensing element to the application
and supports a wide Vdd IO range for the digital interfaces as well. The sensing
element, which detects absolute pressure, consists of a suspended membrane
manufactured using a dedicated process developed by ST.
The LPS22DF is available in a full-mold, holed LGA package (HLGA). It is
guaranteed to operate over a temperature range extending from -40 °C to +85 °C.
The package is holed to allow external pressure to reach the sensing element.
Product status link
LPS22DF
Product summary
Order code
LPS22DFTR
Temperature
range [°C]
-40 to +85
Package
HLGA-10L
Packing
Tape and reel
Product resources
TN0018 (Design and soldering)
Product label
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa
absolute digital output barometer
LPS22DF
Datasheet
DS13316 - Rev 1 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LPS22DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LPS22DFTR STMICROELECTRONICS-LPS22DFTR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results

Similar Description - LPS22DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
ILPS22QS STMICROELECTRONICS-ILPS22QS Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com