Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 32Page - STMicroelectronics LPS22DF Datasheet HTML 33Page - STMicroelectronics LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics LPS22DF Datasheet HTML 37Page - STMicroelectronics LPS22DF Datasheet HTML 38Page - STMicroelectronics LPS22DF Datasheet HTML 39Page - STMicroelectronics LPS22DF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
9.7
CTRL_REG2 (11h)
Control register 2 (R/W)
7
6
5
4
3
2
1
0
BOOT
0
LFPF_CFG
EN_LPFP
BDU
SWRESET
-
ONESHOT
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
LFPF_CFG
Low-pass filter configuration. Default value: 0
(0: ODR/4; 1: ODR/9)
EN_LPFP
Enable low-pass filter on pressure data. Default value: 0
(0: disable, 1: enable)
BDU(1)
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
SWRESET
Software reset. Default value: 0
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
ONESHOT
Enable one-shot mode. Default value: 0
(0: idle mode; 1: a new dataset is acquired)
1. To guarantee the correct behavior of the BDU feature, PRESS_OUT_H (2Ah) must be the last address
read.
The BOOT bit is used to refresh the content of the internal registers stored in the Non-Volatile memory block. At
device power-up, the content of the Non-Volatile memory block is transferred to the internal registers related to
the trimming functions to allow correct behavior of the device itself. If for any reason the content of the trimming
registers is modified, it is sufficient to use this bit to restore the correct values. When the BOOT bit is set to '1',
the content of the internal Non-Volatile memory is copied into the corresponding internal registers and is used
to calibrate the device. These values are factory trimmed and they are different for every device. They allow the
correct behavior of the device and normally they should not be changed. At the end of the boot process, the
BOOT bit is set again to '0' by hardware. The BOOT bit takes effect immediately after it is set to 1.
The ONESHOT bit is used to start a new conversion when the ODR[3:0] bits in CTRL_REG1 (10h) are set
to '0000'. Writing a '1' to ONESHOT triggers a single measurement of pressure and temperature. Once the
measurement is done, the ONESHOT bit will self-clear, the new data are available in the output registers, and the
STATUS (27h) bits are updated.
LPS22DF
CTRL_REG2 (11h)
DS13316 - Rev 1
page 36/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com