Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 18 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 14Page - STMicroelectronics LPS22DF Datasheet HTML 15Page - STMicroelectronics LPS22DF Datasheet HTML 16Page - STMicroelectronics LPS22DF Datasheet HTML 17Page - STMicroelectronics LPS22DF Datasheet HTML 18Page - STMicroelectronics LPS22DF Datasheet HTML 19Page - STMicroelectronics LPS22DF Datasheet HTML 20Page - STMicroelectronics LPS22DF Datasheet HTML 21Page - STMicroelectronics LPS22DF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
5.6
Continuous (Dynamic-Stream)-to-FIFO mode
In Continuous (Dynamic-Stream)-to-FIFO mode (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = ‘111’),
data are stored in FIFO and FIFO operates in Continuous (Dynamic-Stream) mode behavior until it switches to
FIFO mode behavior when INT_SOURCE (24h)(IA) rises to '1'.
An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG (0Bh).
Figure 13. Continuous (Dynamic-Stream)-to-FIFO mode
P1
P2
Pi
P0
P127
P1
P2
Pi
P0
P127
Dynamic-Stream Mode
FIFO Mode
Trigger event
P126
5.7
Retrieving data from FIFO
FIFO data is read through FIFO_DATA_OUT_PRESS (78h, 79h and 7Ah).
The read address is automatically updated by the device and it rolls back to 78h when register 7Ah is reached. In
order to read all FIFO levels in a multiple byte read, 384 bytes (3 output registers with 128 levels) must be read.
LPS22DF
Continuous (Dynamic-Stream)-to-FIFO mode
DS13316 - Rev 1
page 18/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com