Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 21 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 17Page - STMicroelectronics LPS22DF Datasheet HTML 18Page - STMicroelectronics LPS22DF Datasheet HTML 19Page - STMicroelectronics LPS22DF Datasheet HTML 20Page - STMicroelectronics LPS22DF Datasheet HTML 21Page - STMicroelectronics LPS22DF Datasheet HTML 22Page - STMicroelectronics LPS22DF Datasheet HTML 23Page - STMicroelectronics LPS22DF Datasheet HTML 24Page - STMicroelectronics LPS22DF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
7
Digital interfaces
7.1
Serial interfaces
The registers embedded in the LPS22DF may be accessed through either the I²C, MIPI I3CSM or SPI serial
interfaces. The latter may be SW configured to operate either in 3-wire or 4-wire interface mode.
The serial interfaces are mapped onto the same pins. To select/exploit the I²C interface, the CS line must be tied
high (i.e. connected to Vdd_IO).
Table 8. Serial interface pin description
Pin name
Pin description
CS
Enables SPI
I²C and MIPI I3CSM / SPI mode selection
(1: SPI idle mode / I²C and MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and MIPI I3CSM disabled)
SCL/SPC
I²C / MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
SDA
SDI
SDI/SDO
I²C / MIPI I3CSM serial data (SDA)
4-wire SPI serial data input (SDI)
3-wire serial data input/output (SDI/SDO)
SDO
SAO
4-wire SPI serial data output (SDO)
I²C least significant bit of the device address (SA0)
MIPI I3CSM least significant bit of the static address (SA0)
7.2
I²C serial interface (CS = high)
The LPS22DF I²C is a bus slave. The I²C is employed to write data into registers whose content can also be read
back.
The relevant I²C terminology is given in the following table.
Table 9. I²C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a transfer
Slave
The device addressed by the master
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial data line (SDA). The
latter is a bidirectional line used for sending and receiving the data to/from the interface. Both lines have to be
connected to Vdd_IO through pull-up resistors.
The I²C interface is compliant with fast mode+ (1 MHz) I²C standards as well as with the normal mode.
LPS22DF
Digital interfaces
DS13316 - Rev 1
page 21/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com