Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 31Page - STMicroelectronics LPS22DF Datasheet HTML 32Page - STMicroelectronics LPS22DF Datasheet HTML 33Page - STMicroelectronics LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics LPS22DF Datasheet HTML 37Page - STMicroelectronics LPS22DF Datasheet HTML 38Page - STMicroelectronics LPS22DF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Table 19. Power consumption
AVG
One-shot mode
Continuous mode – current consumption (μA) vs. ODR
Current consumption (μA) @ 1 Hz
ODR Max 1 Hz
4 Hz
10 Hz 25 Hz 50 Hz 75 Hz 100 Hz 200 Hz
512
32.2
25
32.8 126.8 314.4
783.8
-
-
-
-
128
9.4
75
10
35.6
86.7
214.3
427
639.8
-
-
64
5.6
100
6.3
20.4
48.7
119.4
237.2
355
472.8
-
32
3.7
200
4.4
12.8
29.8
71.9
142.2
212.6
282.9
564.4
16
2.7
300
3.5
9
20.2
48.2
94.8
141.4
188
374
8
2
400
2.7
6
12.6
29.1
56.5
84.2
111.5
221.7
4
1.7
500
2.5
5
10.2
23.2
44.7
66.2
87.8
174
The noise performance of LPS22DF is also defined as depending on the ODR and selected resolution and its
performance is a trade-off between the power consumption and resolution. The noise performance is indicated in
the following table.
Table 20. Noise performance
AVG
Pressure noise (Parms)
ODR/2(1)
ODR/4
ODR/9
512
0.59
0.44
0.34
128
0.90
0.67
0.48
64
1.20
0.86
0.64
32
1.64
1.16
0.87
16
2.30
1.63
1.18
8
3.12
2.18
1.60
4
4.26
2.87
2.20
1. LPF1 filter is disabled.
When the ODR bits are set to '0000', the device is in Power-down mode. When the device is in Power-down
mode, almost all internal blocks of the device are switched off to minimize power consumption. The digital
interface is still active to allow communication with the device. The content of the configuration registers is
preserved and output data registers are not updated, therefore keeping the last data sampled in memory before
going into power-down mode.
If the ONESHOT bit in CTRL_REG2 (11h) is set to '1', One-shot mode is triggered and a new acquisition starts
when it is required. Enabling this mode is possible only if the device was previously in power-down mode (ODR
bits set to '0000'). Once the acquisition is completed and the output registers updated, the device automatically
enters in power-down mode. ONESHOT bit self-clears itself.
When the ODR bits are set to a value different than '0000', the device is in Continuous mode and automatically
acquires a set of data (pressure and temperature) at the frequency selected through the ODR[3:0] bits.
LPS22DF
CTRL_REG1 (10h)
DS13316 - Rev 1
page 35/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com