Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 33 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 29Page - STMicroelectronics LPS22DF Datasheet HTML 30Page - STMicroelectronics LPS22DF Datasheet HTML 31Page - STMicroelectronics LPS22DF Datasheet HTML 32Page - STMicroelectronics LPS22DF Datasheet HTML 33Page - STMicroelectronics LPS22DF Datasheet HTML 34Page - STMicroelectronics LPS22DF Datasheet HTML 35Page - STMicroelectronics LPS22DF Datasheet HTML 36Page - STMicroelectronics LPS22DF Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
9.3
THS_P_H (0Dh)
User-defined threshold value for pressure interrupt event (Most significant bits) (R/W)
7
6
5
4
3
2
1
0
-
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS[14:8]
This register contains the high part of threshold value for pressure interrupt generation. Refer to THS_P_L (0Ch).
Default value: 00h
9.4
IF_CTRL (0Eh)
Interface control register (R/W)
7
6
5
4
3
2
1
0
INT_EN_I3C
I2C_I3C_DIS
SIM
SDA_PU_EN
SDO_PU_EN
INT_PD_DIS
CS_PU_DIS
-
INT_EN_I3C
Enable INT pin with MIPI I3CSM. If the INT_EN_I3C bit is set, the INT pin is polarized as OUT. Default value: 0
(0: INT disabled with MIPI I3CSM; 1: INT enabled with MIPI I3CSM)
I2C_I3C_DIS
Disable I²C and I3C digital interfaces. Default value: 0
(0: enable I²C and I3C digital interfaces; 1: disable I²C and I3C digital interfaces)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
SDA_PU_EN
Enable pull-up on the SDA pin. Default value: 0
(0: SDA pin pull-up disconnected; 1: SDA pin with pull-up)
SDO_PU_EN
Enable pull-up on the SDO pin. Default value: 0
(0: SDO pin pull-up disconnected; 1: SDO pin with pull-up)
INT_PD_DIS
Disable pull-down on the INT pin. Default value: 0
(0: INT pin with pull-down; 1: INT pin pull-down disconnected)
CS_PU_DIS
Disable pull-up on the CS pin. Default value: 0
(0: CS pin with pull-up; 1: CS pin pull-up disconnected)
9.5
WHO_AM_I (0Fh)
Device Who am I
7
6
5
4
3
2
1
0
1
0
1
1
0
1
0
0
LPS22DF
THS_P_H (0Dh)
DS13316 - Rev 1
page 33/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com