Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DF Datasheet(PDF) 41 Page - STMicroelectronics

Part # LPS22DF
Description  Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22DF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LPS22DF Datasheet HTML 37Page - STMicroelectronics LPS22DF Datasheet HTML 38Page - STMicroelectronics LPS22DF Datasheet HTML 39Page - STMicroelectronics LPS22DF Datasheet HTML 40Page - STMicroelectronics LPS22DF Datasheet HTML 41Page - STMicroelectronics LPS22DF Datasheet HTML 42Page - STMicroelectronics LPS22DF Datasheet HTML 43Page - STMicroelectronics LPS22DF Datasheet HTML 44Page - STMicroelectronics LPS22DF Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
9.17
INT_SOURCE (24h)
Interrupt source (read only) register for differential pressure. A read at this address clears the INT_SOURCE
register itself.
7
6
5
4
3
2
1
0
BOOT_ON
0
0
0
0
IA
PL
PH
BOOT_ON
Indication that Boot (reboot) phase is running.
(0: boot phase not running; 1: boot phase is running)
IA
Interrupt active.
(0: no interrupt has been generated;
1: one or more interrupt events have been generated).
PL
Differential pressure Low.
(0: no interrupt has been generated;
1: low differential pressure event has occurred).
PH
Differential pressure High.
(0: no interrupt has been generated;
1: high differential pressure event has occurred).
9.18
FIFO_STATUS1 (25h)
FIFO status register (read only)
7
6
5
4
3
2
1
0
FSS7
FSS6
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FSS[7:0]
FIFO stored data level, number of unread samples stored in FIFO.
(00000000: FIFO empty; 10000000: FIFO full, 128 unread samples)
9.19
FIFO_STATUS2 (26h)
FIFO status register (read only)
7
6
5
4
3
2
1
0
FIFO_WTM_IA
FIFO_OVR_IA
FIFO_FULL_IA
-
-
-
-
-
FIFO_WTM_IA
FIFO threshold (watermark) status. Default value: 0
(0: FIFO filling is lower than threshold level;
1: FIFO filling is equal or higher than threshold level).
FIFO_OVR_IA
FIFO overrun status. Default value: 0
(0: FIFO is not completely full;
1: FIFO is full and at least one sample in the FIFO has been overwritten).
FIFO_FULL_IA
FIFO full status. Default value: 0
(0: FIFO is not completely filled;
1: FIFO is completely filled, no samples overwritten)
LPS22DF
INT_SOURCE (24h)
DS13316 - Rev 1
page 41/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com