Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet (PDF) - STMicroelectronics

LPS33K Datasheet PDF - STMicroelectronics
Part # LPS33K
Download  LPS33K Download
File Size   1267.06 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package

LPS33K Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS33K Datasheet PDF - STMicroelectronics

Part # LPS33K
Download  LPS33K Click to download

File Size   1267.06 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package

LPS33K Datasheet (HTML) - STMicroelectronics


LPS33K Product details

Features
• Pressure sensor with potted gel package
• 300 to 1200 hPa absolute pressure range
• Current consumption down to 4 μA
• High overpressure capability: 20x full scale
• Embedded temperature compensation
• 24-bit pressure data output
• 16-bit temperature data output
• ODR from 1 Hz to 75 Hz
• I²C interfaces
• Supply voltage: 1.7 to 3.6 V
• ECOPACK lead-free compliant

Description
The LPS33K is an ultra-compact piezoresistive pressure sensor which functions as a
digital output barometer. The device comprises a sensing element and an IC
interface which communicates through I²C from the sensing element to the
application.
The sensing element, which detects absolute pressure, consists of a suspended
membrane manufactured using a dedicated process developed by ST.
The LPS33K is available in a ceramic LGA package with metal lid. It is guaranteed to
operate over a temperature range extending from -40 °C to +85 °C. The package is
holed to allow external pressure to reach the sensing element. Gel inside the IC
protects the electrical components from harsh environmental conditions.

Applications
• Wearable devices
• Altimeters and barometers for portable devices
• GPS applications
• Weather station equipment
• e-cigarettes




Similar Part No. - LPS33K

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
Shielded Power Inductors
LPS3314-102MLB COILCRAFT-LPS3314-102MLB Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-102MLC COILCRAFT-LPS3314-102MLC Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-102MLD COILCRAFT-LPS3314-102MLD Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-103ML COILCRAFT-LPS3314-103ML Datasheet
205Kb / 2P
Shielded Power Inductors
More results


Similar Description - LPS33K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com