Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 4 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 4 Page - STMicroelectronics

  LPS33K Datasheet HTML 1Page - STMicroelectronics LPS33K Datasheet HTML 2Page - STMicroelectronics LPS33K Datasheet HTML 3Page - STMicroelectronics LPS33K Datasheet HTML 4Page - STMicroelectronics LPS33K Datasheet HTML 5Page - STMicroelectronics LPS33K Datasheet HTML 6Page - STMicroelectronics LPS33K Datasheet HTML 7Page - STMicroelectronics LPS33K Datasheet HTML 8Page - STMicroelectronics LPS33K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
2.2
Electrical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 3. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
VDD
Supply voltage
1.7
3.6
V
Idd
Supply current
@ ODR 1 Hz
LC_EN bit = 0 (low-noise mode)
15
µA
@ ODR 1 Hz
LC_EN bit = 1 (low-current mode)
4
IddPdn
Supply current in power-down mode
1
µA
1. Typical specifications are not guaranteed.
Table 4. DC characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
DC input characteristics
Vil
Low-level input voltage (Schmitt buffer)
0.2 * Vdd
V
Vih
High-level input voltage (Schmitt buffer)
0.8 * Vdd
V
DC output characteristics
Vol
Low-level output voltage
0.2
V
Voh
High-level output voltage
Vdd - 0.2
V
LPS33K
Electrical characteristics
DS12817 - Rev 3
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com