Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 19 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 15Page - STMicroelectronics LPS33K Datasheet HTML 16Page - STMicroelectronics LPS33K Datasheet HTML 17Page - STMicroelectronics LPS33K Datasheet HTML 18Page - STMicroelectronics LPS33K Datasheet HTML 19Page - STMicroelectronics LPS33K Datasheet HTML 20Page - STMicroelectronics LPS33K Datasheet HTML 21Page - STMicroelectronics LPS33K Datasheet HTML 22Page - STMicroelectronics LPS33K Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
7.4
RPDS_L (18h)
Pressure offset (LSB data)
7
6
5
4
3
2
1
0
RPDS7
RPDS6
RPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
RPDS[7:0]
This register contains the low part of the pressure offset value.
If, after the soldering of the component, a residual offset is still present, it can be removed with a one-point
calibration.
After soldering, the measured offset can be stored in the RPDS_H (19h) and RPDS_L (18h) registers and
automatically subtracted from the pressure output registers: the output pressure register PRESS_OUT (28h, 29h
and 2Ah) is provided as the difference between the measured pressure and the content of the register 256*RPDS
(18h, 19h).
7.5
RPDS_H (19h)
Pressure offset (MSB data)
7
6
5
4
3
2
1
0
RPDS15
RPDS14
RPDS13
RPDS12
RPDS11
RPDS10
RPDS9
RPDS8
RPDS[15:8]
This register contains the high part of the pressure offset value. Refer to RPDS_L (18h).
7.6
RES_CONF (1Ah)
Low-power mode configuration
7
6
5
4
3
2
1
0
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
reserved(2)
LC_EN
1. This bit must be set to ‘0’ for proper operation of the device.
2. The content of this bit must not be modified for proper operation of the device.
LC_EN(1)
Low-current mode enable. Default: 0
(0: normal mode (low-noise mode); 1: low-current mode).
1. The LC_EN bit must be changed only with the device in power down and not during operation. Once the LC_EN bit is
configured, it affects both One-shot mode and Continuous mode.
LPS33K
RPDS_L (18h)
DS12817 - Rev 3
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com