Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 17 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 13Page - STMicroelectronics LPS33K Datasheet HTML 14Page - STMicroelectronics LPS33K Datasheet HTML 15Page - STMicroelectronics LPS33K Datasheet HTML 16Page - STMicroelectronics LPS33K Datasheet HTML 17Page - STMicroelectronics LPS33K Datasheet HTML 18Page - STMicroelectronics LPS33K Datasheet HTML 19Page - STMicroelectronics LPS33K Datasheet HTML 20Page - STMicroelectronics LPS33K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
When the ODR bits are set to '000' the device is in Power-down mode. When the device is in power-down mode,
almost all internal blocks of the device are switched off to minimize power consumption. The I²C interface is still
active to allow communication with the device. The content of the configuration registers is preserved and output
data registers are not updated, therefore keeping the last data sampled in memory before going into power-down
mode.
If the ONE_SHOT bit in CTRL_REG2 (11h) is set to '1', One-shot mode is triggered and a new acquisition starts
when it is required. Enabling this mode is possible only if the device was previously in power-down mode (ODR
bits set to '000'). Once the acquisition is completed and the output registers updated, the device automatically
enters in power-down mode. The ONE_SHOT bit self-clears itself.
When the ODR bits are set to a value different than '000', the device is in Continuous mode and automatically
acquires a set of data (pressure and temperature) at the frequency selected through the ODR[2:0] bits.
Once the additional low-pass filter has been enabled through the EN_LPFP bit, it is possible to configure the
device bandwidth acting on the LPFP_CFG bit. Refer to the following table for low-pass filter configurations.
Table 17. Low-pass filter configurations
EN_LPFP
LPFP_CFG
Additional low-pass filter status
Device bandwidth
0
x
Disabled
ODR/2
1
0
Enabled
ODR/9
1
1
Enabled
ODR/20
The BDU bit is used to inhibit the update of the output registers between the reading of the upper and lower
register parts. In default mode (BDU = ‘0’), the lower and upper register parts are updated continuously. When the
BDU is activated (BDU = ‘1’), the content of the output registers is not updated until PRESS_OUT_H (2Ah) is
read, in order to avoid reading values related to different samples.
LPS33K
CTRL_REG1 (10h)
DS12817 - Rev 3
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com