Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 18 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 14Page - STMicroelectronics LPS33K Datasheet HTML 15Page - STMicroelectronics LPS33K Datasheet HTML 16Page - STMicroelectronics LPS33K Datasheet HTML 17Page - STMicroelectronics LPS33K Datasheet HTML 18Page - STMicroelectronics LPS33K Datasheet HTML 19Page - STMicroelectronics LPS33K Datasheet HTML 20Page - STMicroelectronics LPS33K Datasheet HTML 21Page - STMicroelectronics LPS33K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
7.3
CTRL_REG2 (11h)
Control register 2
7
6
5
4
3
2
1
0
BOOT
0(1)
0(1)
IF_ADD_INC
0(1)
SWRESET
0(1)
ONE_SHOT
1. This bit must be set to ‘0’ for proper operation of the device.
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content).
The bit is self-cleared when the BOOT is completed.
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a serial interface (I²C).
Default value: 1
(0: disable; 1 enable)
SWRESET
Software reset. Default value: 0
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
ONE_SHOT
One-shot enable. Default value: 0
(0: idle mode; 1: a new dataset is acquired)
The BOOT bit is used to refresh the content of the internal registers stored in the Flash memory block. At device
power-up the content of the Flash memory block is transferred to the internal registers related to the trimming
functions to allow correct behavior of the device itself. If for any reason the content of the trimming registers is
modified, it is sufficient to use this bit to restore the correct values. When the BOOT bit is set to ‘1’, the content of
the internal Flash is copied inside the corresponding internal registers and is used to calibrate the device. These
values are factory trimmed and they are different for every device. They allow correct behavior of the device and
normally they should not be changed. At the end of the boot process the BOOT bit is set again to ‘0’ by hardware.
The BOOT bit takes effect after one ODR clock cycle.
The IF_ADD_INC bit is enabled to increment the register address automatically during a multiple byte access with
I²C. In order to read the data properly on multiple byte and single byte access, the recommended configuration for
the LPS33K is the following.
For multiple byte access, synchronous data reading is only allowed with IF_ADD_INC = 1 and BDU = 0;
For single byte access, either synchronous or asynchronous can be used with IF_ADD_INC = 0, but BDU
has to be set to "1" for asynchronous data reading.
SWRESET is the software reset bit. The following device registers (CTRL_REG1 (10h), CTRL_REG2 (11h)) are
reset to the default value if the SWRESET bit is set to '1'. The SWRESET bit returns back to '0' by hardware.
The ONE_SHOT bit is used to start a new conversion when the ODR[2:0] bits in CTRL_REG1 (10h) are set to
‘000’. Writing a ‘1’ in ONE_SHOT triggers a single measurement of pressure and temperature. Once the
measurement is done, the ONE_SHOT bit will self-clear, the new data are available in the output registers, and
the STATUS (27h) bits are updated.
LPS33K
CTRL_REG2 (11h)
DS12817 - Rev 3
page 18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com