Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 1 Page - STMicroelectronics

  LPS33K Datasheet HTML 1Page - STMicroelectronics LPS33K Datasheet HTML 2Page - STMicroelectronics LPS33K Datasheet HTML 3Page - STMicroelectronics LPS33K Datasheet HTML 4Page - STMicroelectronics LPS33K Datasheet HTML 5Page - STMicroelectronics LPS33K Datasheet HTML 6Page - STMicroelectronics LPS33K Datasheet HTML 7Page - STMicroelectronics LPS33K Datasheet HTML 8Page - STMicroelectronics LPS33K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
Pressure sensor with potted gel package
300 to 1200 hPa absolute pressure range
Current consumption down to 4 µA
High overpressure capability: 20x full scale
Embedded temperature compensation
24-bit pressure data output
16-bit temperature data output
ODR from 1 Hz to 75 Hz
I²C interfaces
Supply voltage: 1.7 to 3.6 V
ECOPACK lead-free compliant
Applications
Wearable devices
Altimeters and barometers for portable devices
GPS applications
Weather station equipment
e-cigarettes
Description
The LPS33K is an ultra-compact piezoresistive pressure sensor which functions as a
digital output barometer. The device comprises a sensing element and an IC
interface which communicates through I²C from the sensing element to the
application.
The sensing element, which detects absolute pressure, consists of a suspended
membrane manufactured using a dedicated process developed by ST.
The LPS33K is available in a ceramic LGA package with metal lid. It is guaranteed to
operate over a temperature range extending from -40 °C to +85 °C. The package is
holed to allow external pressure to reach the sensing element. Gel inside the IC
protects the electrical components from harsh environmental conditions.
Product status link
LPS33K
Product summary
Order code
LPS33KTR
LPS33K
Temp.
range [°C]
-40 to +85
Package
CCLGA-4L
3.3 x 3.3 x (max) 2.9 mm
Packing
Tape and
reel
Tray
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with
potted gel package
LPS33K
Datasheet
DS12817 - Rev 3 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LPS33K

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
Shielded Power Inductors
LPS3314-102MLB COILCRAFT-LPS3314-102MLB Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-102MLC COILCRAFT-LPS3314-102MLC Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-102MLD COILCRAFT-LPS3314-102MLD Datasheet
151Kb / 2P
Shielded Power Inductors - LPS3314
LPS3314-103ML COILCRAFT-LPS3314-103ML Datasheet
205Kb / 2P
Shielded Power Inductors
More results

Similar Description - LPS33K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com