Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 30 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 23Page - STMicroelectronics LPS33K Datasheet HTML 24Page - STMicroelectronics LPS33K Datasheet HTML 25Page - STMicroelectronics LPS33K Datasheet HTML 26Page - STMicroelectronics LPS33K Datasheet HTML 27Page - STMicroelectronics LPS33K Datasheet HTML 28Page - STMicroelectronics LPS33K Datasheet HTML 29Page - STMicroelectronics LPS33K Datasheet HTML 30Page - STMicroelectronics LPS33K Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connections (bottom view) ......................................................... 2
Figure 3.
I²C slave timing diagram ............................................................. 5
Figure 4.
LPS33K internal structure ............................................................ 8
Figure 5.
Pressure readings.................................................................. 9
Figure 6.
LPS33K electrical connections (bottom view) .............................................. 10
Figure 7.
LPS33K power-off sequence ......................................................... 10
Figure 8.
CCLGA - 4L (3.3 x 3.3 x max 2.9 mm) package outline and mechanical data ........................ 23
Figure 9.
Carrier tape information for CCLGA 4L package ............................................ 24
Figure 10.
Package orientation in carrier tape ..................................................... 24
Figure 11.
Reel information carrier tape CCLGA 4L ................................................. 25
LPS33K
List of figures
DS12817 - Rev 3
page 30/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com