Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 3 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 3 Page - STMicroelectronics

  LPS33K Datasheet HTML 1Page - STMicroelectronics LPS33K Datasheet HTML 2Page - STMicroelectronics LPS33K Datasheet HTML 3Page - STMicroelectronics LPS33K Datasheet HTML 4Page - STMicroelectronics LPS33K Datasheet HTML 5Page - STMicroelectronics LPS33K Datasheet HTML 6Page - STMicroelectronics LPS33K Datasheet HTML 7Page - STMicroelectronics LPS33K Datasheet HTML 8Page - STMicroelectronics LPS33K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 2. Pressure and temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Pressure sensor characteristics
PTop
Operating temperature range
-40
+85
°C
PTfull
Full accuracy temperature range
0
+65
°C
Pop
Operating pressure range
300
1200
hPa
Pbits
Pressure output data
24
bits
Psens
Pressure sensitivity
4096
LSB/hPa
PAccRel
Relative accuracy over pressure(2)
P= 800 - 1100 hPa, T = 25 °C
-0.5
+0.5
hPa
PAccT
Absolute accuracy over temperature
Pop, T = 0 ~ 65 °C
Before One-Point Calibration
±3
hPa
Pnoise
RMS pressure sensing noise(3)
With embedded filtering (ODR/20 in low-current mode)
0.016
hPa RMS
With embedded filtering (ODR/20 in low-noise mode)
0.008
ODRPres
Pressure output data rate
1
10
25
50
75
Hz
P_longterm
Pressure accuracy, long-term stability
±1
hPa/year
Temperature sensor characteristics
Top
Operating temperature range
-40
+85
°C
Tsens
Temperature sensitivity
100
LSB/°C
ODRT
Temperature output data rate
1
10
25
50
75
Hz
1. Typical specifications are not guaranteed.
2. No production limit & based on results of characterization.
3. Pressure noise RMS evaluated in a controlled environment, based on the average standard deviation of 32
measurements at highest ODR.
LPS33K
Mechanical and electrical specifications
DS12817 - Rev 3
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com