Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 8 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 4Page - STMicroelectronics LPS33K Datasheet HTML 5Page - STMicroelectronics LPS33K Datasheet HTML 6Page - STMicroelectronics LPS33K Datasheet HTML 7Page - STMicroelectronics LPS33K Datasheet HTML 8Page - STMicroelectronics LPS33K Datasheet HTML 9Page - STMicroelectronics LPS33K Datasheet HTML 10Page - STMicroelectronics LPS33K Datasheet HTML 11Page - STMicroelectronics LPS33K Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
3.4
Device structure
The LPS33K has a unique cylindrical package solution with a full metal lid assembled on ceramic substrate and
this cylindrical package provides an easy assembly with O-rings in the end user’s application.
Figure 4. LPS33K internal structure
This structure (Figure 4) is to show the inner structure of the LPS33K with a metal lid and potting gel. This
structure is designed for and proven to protect electronic components from long-term exposure to harsh
environments such as water mixed with chlorine, bromine, commercial washing detergent and fuels, solvents and
chemicals. It also provides excellent low-stress encapsulation performance for sensitive electronic components
from severe environmental conditions such as high temperature and humidity, refer to the properties of the gel
which are given in the following table.
Table 7. Potting gel properties
Properties
Potting gel
Permeability g/m²·24 hr
7
Hardness (penetration) based on ASTM D1403
70
Ultra-low Young's modulus
Less than 0.01 GPa
TCE (Thermal Coefficient of Expansion)
300 ppm/°C
LPS33K
Device structure
DS12817 - Rev 3
page 8/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com