Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 16 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 12Page - STMicroelectronics LPS33K Datasheet HTML 13Page - STMicroelectronics LPS33K Datasheet HTML 14Page - STMicroelectronics LPS33K Datasheet HTML 15Page - STMicroelectronics LPS33K Datasheet HTML 16Page - STMicroelectronics LPS33K Datasheet HTML 17Page - STMicroelectronics LPS33K Datasheet HTML 18Page - STMicroelectronics LPS33K Datasheet HTML 19Page - STMicroelectronics LPS33K Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve pressure and
temperature data. The register address, made up of 7 bits, is used to identify them and to read/write the data
through the serial interface.
7.1
WHO_AM_I (0Fh)
Device Who am I
7
6
5
4
3
2
1
0
1
0
1
1
0
0
0
1
7.2
CTRL_REG1 (10h)
Control register 1
7
6
5
4
3
2
1
0
0(1)
ODR2
ODR1
ODR0
EN_LPFP
LPFP_CFG
BDU
0(1)
1. This bit must be set to ‘0’ for proper operation of the device.
ODR[2:0]
Output data rate selection. Default value: 000
Refer to Table 16.
EN_LPFP
Enable low-pass filter on pressure data. Default value: 0
(0: low-pass filter disabled; 1: low-pass filter enabled)
LPFP_CFG
Low-pass configuration register. Default value: 0
Refer to Table 17.
BDU(1)
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
1. To guarantee the correct behavior of the BDU feature, PRESS_OUT_H (2Ah) must be the last address read.
Table 16. Output data rate bit configurations
ODR2
ODR1
ODR0
Pressure (Hz)
Temperature (Hz)
0
0
0
Power down / one-shot mode enabled
0
0
1
1 Hz
1 Hz
0
1
0
10 Hz
10 Hz
0
1
1
25 Hz
25 Hz
1
0
0
50 Hz
50 Hz
1
0
1
75 Hz
75 Hz
LPS33K
Register description
DS12817 - Rev 3
page 16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com