Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33K Datasheet(PDF) 28 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 23Page - STMicroelectronics LPS33K Datasheet HTML 24Page - STMicroelectronics LPS33K Datasheet HTML 25Page - STMicroelectronics LPS33K Datasheet HTML 26Page - STMicroelectronics LPS33K Datasheet HTML 27Page - STMicroelectronics LPS33K Datasheet HTML 28Page - STMicroelectronics LPS33K Datasheet HTML 29Page - STMicroelectronics LPS33K Datasheet HTML 30Page - STMicroelectronics LPS33K Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
7.9
PRESS_OUT_L (29h).......................................................... 21
7.10
PRESS_OUT_H (2Ah) ......................................................... 21
7.11
TEMP_OUT_L (2Bh) .......................................................... 21
7.12
TEMP_OUT_H (2Ch) .......................................................... 22
7.13
LPFP_RES (33h).............................................................. 22
8
Package information..............................................................23
8.1
CCLGA 4L package information ................................................. 23
8.2
CCLGA 4L packing information .................................................. 24
Revision history .......................................................................26
Contents ..............................................................................27
List of tables ..........................................................................29
List of figures..........................................................................30
LPS33K
Contents
DS12817 - Rev 3
page 28/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com