Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS27HHW Datasheet (PDF) - STMicroelectronics

LPS27HHW Datasheet PDF - STMicroelectronics
Part # LPS27HHW
Download  LPS27HHW Download
File Size   1344.84 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package

LPS27HHW Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS27HHW Datasheet PDF - STMicroelectronics

Part # LPS27HHW
Download  LPS27HHW Click to download

File Size   1344.84 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package

LPS27HHW Datasheet (HTML) - STMicroelectronics


LPS27HHW Product details

Features
 Pressure sensor with water-resistant package
 Potting gel & grounded metal cap
 260 to 1260 hPa absolute pressure range
 Current consumption down to 4 μA
 Absolute pressure accuracy: 0.5 hPa
 Low pressure sensor noise: 0.7 Pa
 Embedded temperature compensation
 24-bit pressure data output
 ODR from 1 Hz to 200 Hz
 SPI, I²C or MIPI I3CSM interfaces
 Embedded FIFO
 Interrupt functions: Data-Ready, FIFO flags,
pressure thresholds
 Supply voltage: 1.7 to 3.6 V
 ECOPACK lead-free compliant

Description
The LPS27HHW is an ultra-compact
piezoresistive absolute pressure sensor which
functions as a digital output barometer. The
device comprises a sensing element and an IC
interface which communicates through I²C, MIPI
I3CSM or SPI from the sensing element to the
application.
The sensing element, which detects absolute
pressure, consists of a suspended membrane
manufactured using a dedicated process
developed by ST.
The LPS27HHW is available in a ceramic LGA
package with metal lid. It is guaranteed to operate
over a temperature range extending from -40 °C
to +85 °C. The package is holed to allow external
pressure to reach the sensing element. Gel inside
the IC protects the electrical components from
water and the metal cap is grounded electrically
for better ESD robustness.

Applications
 Altimeters and barometers for portable devices
 GPS applications
 Weather station equipment
 Sport watches
 e-cigarettes
 Water depth monitoring
 Gas metering




Similar Part No. - LPS27HHW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LPS27HHW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
ILPS28QSW STMICROELECTRONICS-ILPS28QSW Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com