Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22CH Datasheet (PDF) - STMicroelectronics

LPS22CH Datasheet PDF - STMicroelectronics
Part # LPS22CH
Download  LPS22CH Download
File Size   1177.32 Kbytes
Page   55 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer

LPS22CH Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS22CH Datasheet PDF - STMicroelectronics

Part # LPS22CH
Download  LPS22CH Click to download

File Size   1177.32 Kbytes
Page   55 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer

LPS22CH Datasheet (HTML) - STMicroelectronics


LPS22CH Product details

Features
 260 to 1260 hPa absolute pressure range
 Current consumption down to 4 μA
 Low pressure sensor noise: 0.75 Pa
 Relative pressure accuracy: 10 Pa
 Embedded temperature compensation
 24-bit pressure data output
 ODR from 1 Hz to 200 Hz
 SPI, I²C interfaces
 Embedded FIFO
 Interrupt functions: Data-Ready, FIFO flags,
pressure thresholds
 Supply voltage: 1.7 to 3.6 V
 High shock survivability: 22,000 g
 Small and thin package
 ECOPACK lead-free compliant

Description
The LPS22CH is an ultra-compact piezoresistive
absolute pressure sensor which functions as a
digital output barometer. The device comprises a
sensing element and an IC interface which
communicates through I²C or SPI from the
sensing element to the application.

The sensing element, which detects absolute
pressure, consists of a suspended membrane
manufactured using a dedicated process
developed by ST.

The LPS22CH is available in a full-mold, holed
LGA package (HLGA). It is guaranteed to operate
over a temperature range extending from -40 °C
to +85 °C. The package is holed to allow external
pressure to reach the sensing element.

Applications
 Altimeters and barometers for portable devices
 GPS applications
 Weather station equipment
 Sport watches
 e-cigarettes
 Gas metering




Similar Part No. - LPS22CH

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS22 ASTEC-LPS22 Datasheet
77Kb / 3P
25 Watts
logo
Emerson Network Power
LPS22 EMERSON-NETWORKPOWER-LPS22 Datasheet
99Kb / 3P
Universal input
logo
Artesyn Technologies
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
logo
Astec America, Inc
LPS22-T ASTEC-LPS22-T Datasheet
77Kb / 3P
25 Watts
logo
Emerson Network Power
LPS22-T EMERSON-NETWORKPOWER-LPS22-T Datasheet
99Kb / 3P
Universal input
More results


Similar Description - LPS22CH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com