Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS22DFTR Datasheet (PDF) - STMicroelectronics

LPS22DFTR Datasheet PDF - STMicroelectronics
Part # LPS22DFTR
Download  LPS22DFTR Download
File Size   1023.71 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC dynamic tag sensor and processing node evaluation board

LPS22DFTR Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS22DFTR Datasheet PDF - STMicroelectronics

Part # LPS22DFTR
Download  LPS22DFTR Click to download

File Size   1023.71 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC dynamic tag sensor and processing node evaluation board

LPS22DFTR Datasheet (HTML) - STMicroelectronics


LPS22DFTR Product details

Description
The STEVAL-SMARTAG2 is an NFC-enabled sensor node with inertial MEMS
sensors and environmental sensors, an STM32 microcontroller, and a dynamic NFC
tag for communication with NFC readers, such as tablets and smartphones.
Optionally, the STEVAL-SMARTAG2 can be equipped with: a battery charger fed by a
full-wave rectifier for NFC energy harvesting (on top of the energy harvester already
embedded in the dynamic NFC tag), a secure element to support authentication and
state-of-the-art crypto security, and a real-time clock (RTC) with an embedded crystal
oscillator to enable an accurate timekeeping and time stamping.
The board has a small and thin form factor, comparable to the size of a credit card,
which makes it particularly fit for deployment in the field and data collection.

Features
• NFCSENSORTAG.BOX: optimized form factor and encapsulated in a plastic
case for testing
• ST25DV64KC-JF6D3 dynamic NFC/RFID tag IC with 64-Kbit EEPROM and
fast transfer mode capability
• STM32L4P5-CGU6 ultra-low-power Arm® Cortex®-M4 32-bit MCU+FPU, 150
DMIPS, up to 1-MB flash memory, 320-KB SRAM, LCD-TFT, external SMPS
• LSM6DSO32X iNEMO 6 DoF inertial module with 32 g accelerometer and
embedded machine learning core
• LIS2DUXS12 ultra-low-power 3-axis smart accelerometer with machine
learning core and Qvar
• H3LIS331DL MEMS motion sensor: low-power high-g 3-axis digital
accelerometer
• LPS22DF low-power and high-precision MEMS nano pressure sensor:
260-1260 hPa absolute digital output barometer
• STTS22H low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0
temperature sensor
• VD6283TX Ambient Light Sensor with Hybrid filter multispectral and with
embedded light flicker engine
• STLQ020 200 mA ultra-low quiescent current LDO
• STBC15 ultra-low current consumption linear battery charger (optional
component, not populated)
• STSAFE-A110 authentication, state-of-the-art security for peripherals and IoT
devices (optional component, not populated)
• M41T62LC low-power serial real-time clocks (RTCs) with alarm (optional
component, not populated)
• CR2032 or LIR2032 battery powered (not included)
• STM32Cube function pack (FP-SNS-SMARTAG2)
• End-to-end proof of concept ecosystem mobile app and cloud dashboard:
– DSH-ASSETRACKING web cloud dashboard
– STAssetTracking mobile app available on Google Play and App store
• Suitable for the following applications:
– Internet of things
– Supply chain and cold-chain management
– Smart building, home, and city
– Retail and apparel
– Smart packaging
– Medical and pharmaceutical
– Batteryless sensing
– Smart agriculture (soil control, animal tracking)
– Asset tracking
– Impact detection




Similar Part No. - LPS22DFTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LPS22DFTR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS39513 AMSCO-AS39513 Datasheet
1Mb / 108P
NFC Sensor Tag and Data Logger IC
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
STMicroelectronics
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
STEVAL-SMARTAG1 STMICROELECTRONICS-STEVAL-SMARTAG1 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com