Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet (PDF) - STMicroelectronics

ILPS28QSWTR Datasheet PDF - STMicroelectronics
Part # ILPS28QSWTR
Download  ILPS28QSWTR Download
File Size   2281.97 Kbytes
Page   52 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package

ILPS28QSWTR Datasheet (PDF)

Go To PDF Page Download Datasheet
ILPS28QSWTR Datasheet PDF - STMicroelectronics

Part # ILPS28QSWTR
Download  ILPS28QSWTR Click to download

File Size   2281.97 Kbytes
Page   52 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package

ILPS28QSWTR Datasheet (HTML) - STMicroelectronics


ILPS28QSWTR Product details

Features
• Dual full-scale absolute pressure sensor in a water-resistant package
– Mode 1: 260 ~ 1260 hPa
– Mode 2: 260 ~ 4060 hPa
• Embedded analog hub for processing analog input data
• Embedded Qvar for detecting electric charge variation
• Current consumption down to 1.7 μA
• Absolute pressure accuracy: 0.5 hPa
• Low pressure sensor noise: 0.32 Pa
• Embedded temperature compensation
• Extended temperature range from -40 to +105 °C
• 24-bit pressure data output
• ODR from 1 Hz to 200 Hz
• I²C or MIPI I3CSM interface
• Embedded FIFO
• Supply voltage: 1.7 to 3.6 V
• Easily sealed package with O-ring
• ECOPACK lead-free compliant

Applications
• Industrial applications
• Gas and water metering
• Weather station equipment
• Altimeters and barometers for outdoor devices
• Smart filters
• Ventilators and CPAP equipment
• Man-down detection

Description
The ILPS28QSW is an ultracompact, piezoresistive, absolute pressure sensor
that functions as a digital output barometer, supporting dual full-scale up to userselectable
4060 hPa.
The device comprises a sensing element and an IC interface that communicates
over the I²C or MIPI I3CSM interface from the sensing element to the application.
The ILPS28QSW provides lower power consumption, achieving lower pressure noise
than its predecessor.
The ILPS28QSW embeds an analog hub sensing functionality that is able to connect
an analog input and convert it to a digital signal for embedded processing. In
addition, an embedded Qvar (electric charge variation detection) channel can be
enabled for sensing in applications such as water-leak detection, tap, double tap,
long press, and L/R - R/L swipe.




Similar Part No. - ILPS28QSWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ILPS22QS STMICROELECTRONICS-ILPS22QS Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
ILPS22QSTR STMICROELECTRONICS-ILPS22QSTR Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
More results


Similar Description - ILPS28QSWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
ILPS22QS STMICROELECTRONICS-ILPS22QS Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com