Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 2 Page - STMicroelectronics

  ILPS28QSWTR Datasheet HTML 1Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 2Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 3Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 4Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 5Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 6Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 7Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 8Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
The ILPS28QSW is available in a ceramic LGA package with metal lid. It is guaranteed to operate over a
temperature range extending from -40 °C to +105 °C. The package is holed to allow external pressure to reach
the sensing element. Gel inside the IC protects the electrical components from water and the metal cap is,
optionally, connected to ground or left floating electrically in the application PCB layout. The connection of the
metal cap is determined according to the customer’s target application.
ILPS28QSW
DS13905 - Rev 1
page 2/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com