Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 9Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 10Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 11Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 12Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 13Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 14Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 15Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 16Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
5.5
Interpreting pressure readings
The pressure data are stored in three registers: PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), and
PRESS_OUT_XL (28h). The value is expressed as a 24-bit signed number (in two's complement).
To obtain the pressure in hPa, take the complete 24-bit word and then divide by the sensitivity 4096 LSB/hPa
when the FS_MODE bit is 0 (in mode 1, full scale is up to 1260 hPa) or divide by the sensitivity 2096
LSB/hPa when the FS_MODE bit is 1 (in mode 2, full scale is up to 4060 hPa). This same interpretation
is applied to pressure readings when FIFO is enabled and the pressure data are stored in three registers:
FIFO_DATA_OUT_PRESS_XL (78h), FIFO_DATA_OUT_PRESS_L (79h), and FIFO_DATA_OUT_PRESS_H
(7Ah).
Figure 6. Pressure readings
PressureValue=PRESS_OUT_H2Aℎ &PRESS_OUT_L29ℎ &PRESS_OUT_XL
28ℎ =3FF58Dℎ=4191629LSB signeddecimal
(1)
(2)
When the FS_MODE bit = 0, (CTRL_REG2 (11h)) for full scale up to 1260 hPa:
Pressure ℎPA =Pressurevalue LSB
Sensitivity = 4191629LSB
4096LSB/ℎPA=1023.3ℎPA
When the FS_MODE bit = 1, (CTRL_REG2 (11h)) for full scale up to 4060 hPa:
Pressure ℎPA =Pressurevalue LSB
Sensitivity = 4191629LSB
2048LSB/ℎPA=2046.7ℎPA
5.6
Interpreting temperature readings
The temperature data are stored in two registers: TEMP_OUT_H (2Ch) and TEMP_OUT_L (2Bh).
The value is expressed as two's complement. To obtain the temperature in °C, take the two’s complement of the
complete 16-bit word and then divide by the sensitivity 100 LSB/°C.
Figure 7. Temperature readings
0 0 0 0 1 0 0 1
1 1 0 0 0 1 0 0
TEMP_OUT_H
TEMP_OUT_L
Temperature Value (LSB) = TEMP_OUT_H (2Ch) & TEMP_OUT_L (2Bh)
= 09C4 = 2500 LSB (decimal signed)
Temperature (°C) =
Temperature Value (LSB)
Sensitivity
=
2500 LSB
100 LSB/°C
= 25.00°C
ILPS28QSW
Interpreting pressure readings
DS13905 - Rev 1
page 13/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com