Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 34Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 35Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 36Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 37Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 38Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 39Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 40Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 41Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
10.10
FIFO_WTM (15h)
FIFO threshold setting register (R/W)
7
6
5
4
3
2
1
0
0
WTM6
WTM5
WTM4
WTM3
WTM2
WTM1
WTM0
WTM[6:0]
FIFO threshold. Watermark level setting. Default value: 0000000
10.11
REF_P_L (16h)
Reference pressure LSB data (R)
7
6
5
4
3
2
1
0
REFP7
REFP6
REFP5
REFP4
REFP3
REFP2
REFP1
REFP0
REFP[7:0]
This register contains the low part of the reference pressure value. Default value: 00000000
The reference pressure value is 16-bit data and it is composed of REF_P_H (17h) and REF_P_L (16h). The value
is expressed as two's complement.
The reference pressure value is stored and used when the AUTOZERO or AUTOREFP function is enabled, refer
to the INTERRUPT_CFG (0Bh) register description.
10.12
REF_P_H (17h)
Reference pressure MSB data (R)
7
6
5
4
3
2
1
0
REFP15
REFP14
REFP13
REFP12
REFP11
REFP10
REFP9
REFP8
REFP[15:8]
This register contains the high part of the reference pressure value. Default value: 00000000
ILPS28QSW
FIFO_WTM (15h)
DS13905 - Rev 1
page 38/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com