Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 8Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 9Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 10Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 11Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 12Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 13Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 14Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 15Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
5.4
Device structure
The ILPS28QSW has a unique cylindrical package solution with a full metal lid assembled on ceramic substrate
and this cylindrical package provides an easy assembly with O-rings in the end user’s application.
Figure 5. ILPS28QSW internal structure
This structure (Figure 5) is designed and verified to resist water pressure up to 10 ATM and the potting gel in the
ILPS28QSW has been proven to protect electronic components from long-term exposure to harsh environments
such as water mixed with chlorine, bromine, commercial washing detergent and fuels, solvents and chemicals.
It also provides excellent low-stress encapsulation performance for sensitive electronic components from severe
environmental conditions such as high temperature and humidity, refer to the properties of the gel that are given
in the following table.
Table 10. Potting gel properties
Properties
Potting gel
Permeability g/m2·24 hr
7
Hardness (penetration) based on ASTM D1403
70
Ultralow Young's modulus
Less than 0.01 GPa
TCE (thermal coefficient of expansion)
300 ppm/°C
ILPS28QSW
Device structure
DS13905 - Rev 1
page 12/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com