Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 1 Page - STMicroelectronics

  ILPS28QSWTR Datasheet HTML 1Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 2Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 3Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 4Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 5Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 6Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 7Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 8Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Features
Dual full-scale absolute pressure sensor in a water-resistant package
Mode 1: 260 ~ 1260 hPa
Mode 2: 260 ~ 4060 hPa
Embedded analog hub for processing analog input data
Embedded Qvar for detecting electric charge variation
Current consumption down to 1.7 μA
Absolute pressure accuracy: 0.5 hPa
Low pressure sensor noise: 0.32 Pa
Embedded temperature compensation
Extended temperature range from -40 to +105 °C
24-bit pressure data output
ODR from 1 Hz to 200 Hz
I²C or MIPI I3CSM interface
Embedded FIFO
Supply voltage: 1.7 to 3.6 V
Easily sealed package with O-ring
ECOPACK lead-free compliant
Applications
Industrial applications
Gas and water metering
Weather station equipment
Altimeters and barometers for outdoor devices
Smart filters
Ventilators and CPAP equipment
Man-down detection
Description
The ILPS28QSW is an ultracompact, piezoresistive, absolute pressure sensor
that functions as a digital output barometer, supporting dual full-scale up to user-
selectable 4060 hPa.
The device comprises a sensing element and an IC interface that communicates
over the I²C or MIPI I3CSM interface from the sensing element to the application.
The ILPS28QSW provides lower power consumption, achieving lower pressure noise
than its predecessor.
The ILPS28QSW embeds an analog hub sensing functionality that is able to connect
an analog input and convert it to a digital signal for embedded processing. In
addition, an embedded Qvar (electric charge variation detection) channel can be
enabled for sensing in applications such as water-leak detection, tap, double tap,
long press, and L/R - R/L swipe.
Product status link
ILPS28QSW
Product summary
Order code
ILPS28QSWTR
Temperature
range
-40 to +105 °C
Package
CCLGA-7L
2.8 x 2.8 x 1.95 mm
Packing
Tape and reel
Product resources
TN0018 (design and soldering)
Product labels
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with
Qvar detection in a water-resistant package
ILPS28QSW
Datasheet
DS13905 - Rev 1 - January 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ILPS28QSWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ILPS22QS STMICROELECTRONICS-ILPS22QS Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
ILPS22QSTR STMICROELECTRONICS-ILPS22QSTR Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
More results

Similar Description - ILPS28QSWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
ILPS22QS STMICROELECTRONICS-ILPS22QS Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com