Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 31Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 32Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 33Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 34Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 35Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 36Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 37Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 38Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
10.7
CTRL_REG2 (11h)
Control register 2 (R/W)
7
6
5
4
3
2
1
0
BOOT
FS_MODE
LFPF_CFG
EN_LPFP
BDU
SWRESET
-
ONESHOT
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FS_MODE
Full-scale selection. Default value: 0
(0: mode 1, full scale up to 1260 hPa; 1: mode 2, full scale up to 4060 hPa)
LFPF_CFG
Low-pass filter configuration. Default value: 0
(0: ODR/4; 1: ODR/9)
EN_LPFP
Enable low-pass filter on pressure data. Default value: 0
(0: disable, 1: enable)
BDU(1)
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
SWRESET
Software reset. Default value: 0
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
ONESHOT
Enable one-shot mode. Default value: 0
(0: idle mode; 1: a new dataset is acquired)
1. To guarantee the correct behavior of the BDU feature, PRESS_OUT_H (2Ah) must be the last address read.
The BOOT bit is used to refresh the content of the internal registers stored in the non-volatile memory block. At
device power-up, the content of the non-volatile memory block is transferred to the internal registers related to
the trimming functions to allow correct behavior of the device itself. If for any reason the content of the trimming
registers is modified, it is sufficient to use this bit to restore the correct values. When the BOOT bit is set to 1,
the content of the internal non-volatile memory block is copied into the corresponding internal registers and is
used to calibrate the device. These values are factory trimmed and they are different for every device. They allow
the correct behavior of the device and normally they should not be changed. At the end of the boot process, the
BOOT bit is set again to 0 by hardware. The BOOT bit takes effect immediately after it is set to 1.
The SWRESET bit resets the volatile registers to the default value. It returns to 0 by hardware.
The ONESHOT bit is used to start a new conversion when the ODR[3:0] bits in CTRL_REG1 (10h) are set
to 0000. Writing a 1 to ONESHOT triggers a single measurement of pressure and temperature. Once the
measurement is done, the ONESHOT bit self-clears, the new data are available in the output registers, and the
STATUS (27h) bits are updated.
ILPS28QSW
CTRL_REG2 (11h)
DS13905 - Rev 1
page 35/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com