Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 30Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 31Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 32Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 33Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 34Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 35Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 36Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 37Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
When the ODR bits are set to 0000, the device is in power-down mode. When the device is in power-down
mode, almost all internal blocks of the device are switched off to minimize power consumption. The digital
interface is still active to allow communication with the device. The content of the configuration registers is
preserved and output data registers are not updated, therefore keeping the last data sampled in memory before
going into power-down mode.
If the ONESHOT bit in CTRL_REG2 (11h) is set to 1, one-shot mode is triggered and a new acquisition starts
when it is required. Enabling this mode is possible only if the device was previously in power-down mode (ODR
bits set to 0000). Once the acquisition is completed and the output registers updated, the device automatically
enters in power-down mode. The ONESHOT bit self-clears itself.
When the ODR bits are set to a value different than 0000, the device is in continuous mode and automatically
acquires a set of data (pressure and temperature) at the frequency selected through the ODR[3:0] bits.
ILPS28QSW
CTRL_REG1 (10h)
DS13905 - Rev 1
page 34/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com