Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSWTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # ILPS28QSWTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSWTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ILPS28QSWTR Datasheet HTML 33Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 34Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 35Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 36Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 37Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 38Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 39Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 40Page - STMicroelectronics ILPS28QSWTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
10.9
FIFO_CTRL (14h)
FIFO control register (R/W)
7
6
5
4
3
2
1
0
0
0
0
AH_QVAR_
P_FIFO_EN
STOP_ON_WTM
TRIG_MODES
F_MODE1
F_MODE0
AH_QVAR_P_FIFO_EN
Enables hardware interleaved mode for AH/Qvar and pressure data in FIFO buffer. Default : 0
(0: disable; 1: enable)
STOP_ON_WTM
Stop-on-FIFO watermark. Enables use of FIFO watermark level. Default value: 0
(0: disable; 1: enable)
TRIG_MODES
Enables triggered FIFO modes. Default value: 0
F_MODE[1:0]
Selects triggered FIFO modes. Default value: 00
Refer to Table 26.
The AH_QVAR_P_FIFO_EN bit enables the hardware interleaved mode in FIFO: the pressure data and the
AH/Qvar data are alternately stored in FIFO. Before enabling this mode, the device must be configured in power-
down mode and the AH_QVAR_EN bit must be set to 0. When the hardware interleaved mode in FIFO is intended
to be used, both the AH_QVAR_P_AUTO_EN in CTRL_REG3 (12h) register and the AH_QVAR_P_FIFO_EN bit
have to be set to 1. The least significant bit of the output data registers is set to 0 for pressure data and to 1 for
AH/Qvar data.
Table 26. FIFO mode selection
TRIG_MODES
F_MODE[1:0]
Mode
x
00
Bypass
0
01
FIFO mode
0
1x
Continuous (dynamic-stream)
1
01
Bypass-to-FIFO
1
10
Bypass-to-continuous (dynamic-stream)
1
11
Continuous (dynamic-stream)-to-FIFO
The STOP_ON_WTM bit enables the use of the FIFO watermark level: when the number of samples in FIFO is
equal to the watermark level (set using the WTM[6:0] bits in FIFO_WTM (15h)) then FIFO is full.
The TRIG_MODES bit enables the triggered FIFO modes.
The F_MODE[1:0] bits select one of the FIFO modes, as described in Table 26.
Output pressure data are read through FIFO_DATA_OUT_PRESS_XL (78h), FIFO_DATA_OUT_PRESS_L (79h)
and FIFO_DATA_OUT_PRESS_H (7Ah); both single read and multiple read operations can be used.
ILPS28QSW
FIFO_CTRL (14h)
DS13905 - Rev 1
page 37/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com