Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS27HHW Datasheet(PDF) 39 Page - STMicroelectronics

Part # LPS27HHW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 35Page - STMicroelectronics LPS27HHW Datasheet HTML 36Page - STMicroelectronics LPS27HHW Datasheet HTML 37Page - STMicroelectronics LPS27HHW Datasheet HTML 38Page - STMicroelectronics LPS27HHW Datasheet HTML 39Page - STMicroelectronics LPS27HHW Datasheet HTML 40Page - STMicroelectronics LPS27HHW Datasheet HTML 41Page - STMicroelectronics LPS27HHW Datasheet HTML 42Page - STMicroelectronics LPS27HHW Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DocID032730 Rev 1
39/60
LPS27HHW
Register mapping
60
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
To guarantee the proper behavior of the device, all register addresses not listed in the above
table must not be accessed and the content stored in those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
FIFO_DATA_OUT_PRESS_XL
R
78
Output
FIFO pressure output registers
FIFO_DATA_OUT_PRESS_L
R
79
Output
FIFO_DATA_OUT_PRESS_H
R
7A
Output
FIFO_DATA_OUT_TEMP_L
R
7B
Output
FIFO temperature output registers
FIFO_DATA_OUT_TEMP_H
R
7C
Output
Table 18. Registers address map (continued)
Name
Type
Register address
Default
Function and comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com