Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS60A150CST Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS60A150CST
Description  Rad-Hard 2 x 30 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60A150CST Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPS60A150CST Datasheet HTML 3Page - STMicroelectronics STPS60A150CST Datasheet HTML 4Page - STMicroelectronics STPS60A150CST Datasheet HTML 5Page - STMicroelectronics STPS60A150CST Datasheet HTML 6Page - STMicroelectronics STPS60A150CST Datasheet HTML 7Page - STMicroelectronics STPS60A150CST Datasheet HTML 8Page - STMicroelectronics STPS60A150CST Datasheet HTML 9Page - STMicroelectronics STPS60A150CST Datasheet HTML 10Page - STMicroelectronics STPS60A150CST Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
SMD.5 package information
Figure 7. Surface mount SMD.5 package outline (3-terminal)
1
2
3
A
A1
b
b1
b2
b3
D1
E
e
D
Table 5. SMD.5 package mechanical data
Symbols
Dimensions (mm)
Dimensions (inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.84
3.15
0.112
0.124
A1
0.25
0.51
0.010
0.200
b
7.13
7.39
0.281
0.291
b1
5.58
5.84
0.220
0.230
b2(1)
2.28
2.54
0.090
0.100
b3
2.92
3.18
0.115
0.125
D
10.03
10.28
0.395
0.405
D1
0.76
0.030
E
7.39
7.64
0.291
0.301
e
1.91 BSC
0.075
1. 2 locations
STPS60A150CHR
Package information
DS12256 - Rev 6
page 7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com