Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS60A150CST Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS60A150CST
Description  Rad-Hard 2 x 30 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60A150CST Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPS60A150CST Datasheet HTML 3Page - STMicroelectronics STPS60A150CST Datasheet HTML 4Page - STMicroelectronics STPS60A150CST Datasheet HTML 5Page - STMicroelectronics STPS60A150CST Datasheet HTML 6Page - STMicroelectronics STPS60A150CST Datasheet HTML 7Page - STMicroelectronics STPS60A150CST Datasheet HTML 8Page - STMicroelectronics STPS60A150CST Datasheet HTML 9Page - STMicroelectronics STPS60A150CST Datasheet HTML 10Page - STMicroelectronics STPS60A150CST Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
4
Ordering information
Table 6. Ordering information
Order codes
ESCC detail
specification
Quality level
Package
Lead
finishing
Marking(1)
Weight Packing
STPS60A150CS1
-
engineering
model
SMD.5
Gold
STPS60A150CS1
0.92 g Strip pack
STPS60A150CSG
5106/023/02
Flight model
510602302
STPS60A150CST
5106/023/06
Flight Model
Solder dip
510602306
1. Specific marking only. The full marking includes in addition:
•
For the Engineering Models: ST logo, date code, country of origin (FR)
•
For flight parts: ST logo, date code, country of origin (FR), ESA logo, serial number of the part within the assembly lot
STPS60A150CHR
Ordering information
DS12256 - Rev 6
page 8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com