Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80A150CSG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS80A150CSG
Description  Rad-Hard 2 x 40 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80A150CSG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPS80A150CSG Datasheet HTML 2Page - STMicroelectronics STPS80A150CSG Datasheet HTML 3Page - STMicroelectronics STPS80A150CSG Datasheet HTML 4Page - STMicroelectronics STPS80A150CSG Datasheet HTML 5Page - STMicroelectronics STPS80A150CSG Datasheet HTML 6Page - STMicroelectronics STPS80A150CSG Datasheet HTML 7Page - STMicroelectronics STPS80A150CSG Datasheet HTML 8Page - STMicroelectronics STPS80A150CSG Datasheet HTML 9Page - STMicroelectronics STPS80A150CSG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2
Radiation
The technology of the STMicroelectronics Rad-Hard rectifier’s diodes is intrinsically highly resistant to radiative
environments.
The product radiation hardness assurance is supported by a total ionisation dose (TID) test at high dose rate and
a single effect event (SEE) characterization.
2.1
Total dose radiation (TID) testing
The part has been characterized in total ionizing dose at high dose rate on 12 parts packaged in SMD.5, 4 parts
unbiased, 4 parts reverse biased and 4 parts forward biased. All parts were from the same wafer lot.
The irradiation has been done according to the ESCC 22900 specification, standard window.
Both pre-irradiation and post-irradiation performances have been tested using the same circuitry and test
conditions for a direct comparison can be done (Tamb = 22 ±3 °C unless otherwise specified).
The following parameters were measured :
•
Before irradiation
•
After irradiation at final dose 3 Mrad (Si)
•
After 168 hrs at room temperature
•
after 168 hrs at 100 °C anneal
Based on this characterization, the device is deemed able to sustain 3 Mrad(Si) while maintaining all its
parameters within its specifications.
2.2
Single event effect
The Single Event Effect (SEE) relevant to power rectifiers are characterized, i.e. the Single Event Burnout (SEB).
The tests are performed as per ESCC 25100, each one on 3 pieces from 1 wafer at room temperature.
The accept/reject criteria are :
•
SEB (Destructive mode):
The diode is reverse biased during irradiation. The test is stopped as soon as a SEB occurs or when the
reverse leakage current is above the specification or when the overall fluency on the component reaches
1E7 cm².
•
Post irradiation stress test (PIST):
After the irradiation, a stress is applied to the diode in order to reveal any latent damage on the irradiated
devices.
The reverse voltage value is increased from 0 V to 100% of VRmax. and then decreased from 100% of the
VRmax. to 0 V. At each step, the reverse leakage current value is measured.
Table 4. Radiation hardness assurance summary
Type
Conditions
Result
Total ionisation dose
High dose rate 4 reverse biased + 4 forward biased + 4 unbiased
Immune up to 3 Mrad(Si)
Single effect burnout
LET : 61.2 MeV.cm/mg
Vr : 30 V
No burnout
STPS80A150CHR
Radiation
DS13383 - Rev 3
page 6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com