Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80A150CSG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS80A150CSG
Description  Rad-Hard 2 x 40 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80A150CSG Datasheet(HTML) 1 Page - STMicroelectronics

  STPS80A150CSG Datasheet HTML 1Page - STMicroelectronics STPS80A150CSG Datasheet HTML 2Page - STMicroelectronics STPS80A150CSG Datasheet HTML 3Page - STMicroelectronics STPS80A150CSG Datasheet HTML 4Page - STMicroelectronics STPS80A150CSG Datasheet HTML 5Page - STMicroelectronics STPS80A150CSG Datasheet HTML 6Page - STMicroelectronics STPS80A150CSG Datasheet HTML 7Page - STMicroelectronics STPS80A150CSG Datasheet HTML 8Page - STMicroelectronics STPS80A150CSG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SMD.5
The upper metallic lid is not internally connected to any pin, nor to the IC die inside the package
STPS80A150CSA1
33518
FR
Pin3 : K
Pin2 : A2
Pin1 : A1
The upper metallic lid is not internally connected to any pin,
nor to the IC die inside the package
Features
Forward current: 2 x 40 A
Repetitive peak reverse voltage: 150 V
Low forward voltage drop: 0.88 V max. at 80 A / 125 °C
dV/dt up to 10 kV/µs
Monolithic dual die - common cathode
Ceramic hermetic package
TID and SEE characterized
Package mass: 0.92 g
ESCC qualified : 5106/023
Description
The STPS80A150CHR is package and screened to comply with the ESCC5000
specification for Rad-Hard products. It is a dual monolithic Schottky rectifier
assembled in an SMD.5 hermetic package and characterized in total dose at high
dose rate and in single event effect to be used in aerospace applications. It is ESCC
qualified.
The complete ESCC specification for this device is available from the European
Space Agency web site. ST guarantees full compliance of qualified parts with the
ESCC detailed specification.
Product status link
STPS80A150CHR
Product summary
IF(AV)
2 x 40 A
VRRM
150 V
Tj(max)
175 °C
VF(max) at 2 x 40 A / 125 °C
0.88 V
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
STPS80A150CHR
Datasheet
DS13383 - Rev 3 - December 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS80A150CSG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS80A45CS1 STMICROELECTRONICS-STPS80A45CS1 Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS80A45CSG STMICROELECTRONICS-STPS80A45CSG Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
More results

Similar Description - STPS80A150CSG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 40 A
16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 40 A
12-Sep-08
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
Schottky Rectifier, 2 x 40 A
21-Aug-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
Schottky Rectifier, 2 x 40 A
31-Aug-11
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
Schottky Rectifier, 2 x 40 A
19-Apr-2022
logo
STMicroelectronics
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com