Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-K2N Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # AP-K2N
Description  AP-K2N CRIMPING MACHINE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

AP-K2N Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  AP-K2N Datasheet HTML 1Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 2Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 3Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 4Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 5Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 6Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 7Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 8Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 9Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
H:\0 - Quality Documents\2 Department\Tech Serv\Application tooling\Presses\AP-K2N\TS010-00 AP-K2N Operation
Manual.doc
1. SPECIFICATIONS
The crimping machine is composed of the
crimping press and an applicator.
There are two basic types of applicators
(a total of four models).
1.1 Crimping Machine Specifications
1.2 Applicator specifications
Model no. MK-L (for-end feeding terminals)
º Weight 6.8 Kg
º Feed pitch 30mm max.
º Crimp height adjustment: Dial type
Model no. MKF-L (for-end feeding flag terminals)
º Weight 6.8 Kg
º Feed pitch 30mm max.
º Crimp height adjustment: Dial type
Models MK-L and MKF-L for end feeding
terminals, and models MKS-L and MKS-LS for
side feeding terminals. The crimping machine
utilizes a quick change system thus allowing quick
change-over times.
Model no: AP-K2N
º External dimensions: 280mm Wide x
480mm Long x 560mm High
º Weight: 90 Kg
º Power supply: 220/240V AC single phase
50/60 Hz
º Power consumption: 680VA
º Crimping force: 1500 Kg
º Ram stroke: 30mm
º Ram speed: 260 strokes per minute
(60 Hz), and 220 strokes per minute
(50 Hz)
º Closed height: 160.0 mm ± 0.01 at B.D.C
Model no. MKS-L (for side-feeding terminals)
º Weight 6.4 Kg
º Feed pitch 30mm max.
º Crimp height adjustment: Dial type
Model no. MKS-LS (for side feeding terminals)
º Weight 4.5 Kg
º Feed pitch 30mm max.
º Crimp height adjustment: Dial type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com