Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-K2N Datasheet(PDF) 13 Page - JST Mfg. Co., Ltd.

Part # AP-K2N
Description  AP-K2N CRIMPING MACHINE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

AP-K2N Datasheet(HTML) 13 Page - JST Mfg. Co., Ltd.

Back Button AP-K2N Datasheet HTML 9Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 10Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 11Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 12Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 13Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 14Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 15Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 16Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 17Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
H:\0 - Quality Documents\2 Department\Tech Serv\Application tooling\Presses\AP-K2N\TS010-00 AP-K2N Operation
Manual.doc
5. OPERATION
WARNING
Disconnect the press from the power supply
before operating by hand. Operations by hand
whilst guards are removed must only be
performed by authorized competent persons.
5.1 Manual Operation
CAUTION
When using an applicator for the first time after fitting it in
the press, or whenever a die-part is replaced or the
applicator is adjusted, ensure that the press is manually
cycled at least one revolution. This is a very important
operation to ensure that the terminals are crimped
correctly and it also allows a degree of ‘feel’ through the
crank handle which prevents major tooling damage from
occurring if the die-parts have been installed incorrectly.
Step 1
Remove the cap head socket screws from the ram cover
using the hexagon key supplied with the tool-kit, and
open the belt cover.
Step 2
Manually operate the solenoid by pushing the clutch
lever in a downward direction until the clutch ‘clicks’.
Step 3
Place the hand-crank supplied in the press tool-kit on the
end of the main shaft and rotate in a counter-clockwise
direction to manually cycle the press through one
revolution. The ram moves up and down one stroke and
crimps the terminal.
Step 4
Remove the hand-crank, close the belt cover and
replace the cap head socket screw in the catch and
tighten with the hexagon key.
CAUTION Ensure that hand-crank is rotated through one complete revolution (until it physically stops).
If the press is left part-way through a cycle it will try to complete the cycle when the motor is turned on
and this action could result in damage being caused to the tooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com