Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA-R4R-S14-4S Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # UBA-R4R-S14-4S
Description  UB CONNECTOR USB (Universal Serial Bus) Conforming Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

UBA-R4R-S14-4S Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  UBA-R4R-S14-4S Datasheet HTML 1Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 2Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 3Page - JST Mfg. Co., Ltd. UBA-R4R-S14-4S Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
15.22
14.5
2.5
7
13.3
7±0.05
2.5±0.05
4-φ0.92±0.08
13.14±0.05
2
10.28
2.71
2±0.05
2-φ2.3±0.08
Material and Finish
UBA-R4R-D14-4D
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
RoHS compliance This product displays (LF)(SN) on a label.
Type A <Through-hole type>
Reverse
UB CONNECTOR
Receptacle
USB 2.0 certified product
14.2
7.12
4-φ0.92±0.08
No.1
No.2
No.4
7.2
+0.05
0
5.8
0
-0.05
1.75
13.6
1.75±0.05
0.45±0.05
(P.T.H)
PC board edge
Material and Finish
UBAS-4R-D14D-4D
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
Model No.
Material and Finish
UBAL-4R-D14-4S
Contact
Housing
Shell
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Type A <Through-hole type>
Vertical, normal
14.5
16.5
7±0.05
2.5±0.05
4-φ0.92±0.08
13.14±0.05
1
J
S
T
K
I
A
23
4
3-φ2.34±0.05
2±0.05
Type A <Through-hole type>
Straight, normal
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The dimensions above should serve as a guideline. Contact JST for details.
2. Thin gold-plated (Au Flash) product that is USB 2.0 uncertified product (** 10) is also available.
TID No.: 61000434
TID No.: 6000456
TID No.: 6000455
JST 23
4
12
34
14.5
7
13.3
16.86
7±0.05
13.14±0.05
5-φ2.3±0.08
2.5
2
2.5±0.05
10.28
5.68
2±0.05
8-φ0.92±0.08
10.28
5.68
23
4
12
34
14.5
7
13.3
16.86
7
±0.05
13.14
±0.05
4-φ2.3
±0.08
8-φ0.92
±0.08
2.5
2
2.5
±0.05
M3
2
±0.05
JST
Material and Finish
UBA-4RS-D14T-4D
Contact
Housing
Locator
Shell A
Shell B
Solder tab
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Copper alloy, copper-undercoated,
tin-plated (reflow treatment)
Model No.
Material and Finish
UBA-4RS-D14C-4D
Contact
Housing
Locator
Shell A
Shell B
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
Type A <Through-hole type>
Double-stack
Type A <Through-hole type>
Double-stack with upper flange
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
Material and Finish
UBAL-4RS-D14K-4S
Contact
Housing
Shell A
Shell B
Copper alloy, nickel-undercoated,
selective gold-plated
Thermoplastic resin, UL94V-0
Copper alloy, nickel-undercoated,
tin-plated
Model No.
14
M2.5
13.9
8-φ0.92±0.08
5.49±0.05
2.89±0.05
R0.1MAX
19.9
+0.1
0
0.8
+0.1
0
2.5
+0.1
0
13.9±0.05
14.1
0
-0.1
(P.T.H)
(P.T.H)
(P.T.H)
1.75±0.05
1.75±0.05
8.9
12.655
PC board edge
Type A <Through-hole type>
Vertical, dual-row
RoHS compliance This product displays (LF)(SN) on a label.
TID No.: 60000455
TID No.: 60000434
TID No.: 61000434
Q’ty/box: 250
Q’ty/box: 250
Q’ty/box: 350
Q’ty/box: 105
Q’ty/box: 210
Q’ty/box: 210



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com